Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF20N20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF20N20
Description  N-CHANNEL 200V - 0.10 OHM - 18A TO-220/TO-220FP/DPAK LOW GATE CHARGE STripFET II MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20N20 Datasheet(HTML) 1 Page - STMicroelectronics

  STF20N20 Datasheet HTML 1Page - STMicroelectronics STF20N20 Datasheet HTML 2Page - STMicroelectronics STF20N20 Datasheet HTML 3Page - STMicroelectronics STF20N20 Datasheet HTML 4Page - STMicroelectronics STF20N20 Datasheet HTML 5Page - STMicroelectronics STF20N20 Datasheet HTML 6Page - STMicroelectronics STF20N20 Datasheet HTML 7Page - STMicroelectronics STF20N20 Datasheet HTML 8Page - STMicroelectronics STF20N20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
January 2005
STP20N20
STF20N20 - STD20N20
N-CHANNEL 200V - 0.10
Ω - 18A TO-220/TO-220FP/DPAK
LOW GATE CHARGE STripFET™ II MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 0.10 Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
LOW GATE CHARGE
s
100% AVALANCHE TESTED
DESCRIPTION
This MOSFET series realized with STMicroelec-
tronics unique STripFET process has specifically
been designed to minimize input capacitance and
gate charge. It is therefore suitable as primary
switch in advanced high-efficiency isolated DC-DC
converters.
APPLICATIONS
s
HIGH CURRENT SWITCHING
APPLICATIONS
s
HIGH EFFICIENCY DC-DC CONVERTERS
s
PRIMARY SIDE SWITCH
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
Id
PTOT
STD20N20
STF20N20
STP20N20
200 V
200 V
200 V
< 0.125
Ω
< 0.125
Ω
< 0.125
Ω
18 A
18 A
18 A
90 W
25 W
90 W
1
2
3
1
2
3
1
3
TO-220
TO-220FP
DPAK
SALES TYPE
MARKING
PACKAGE
PACKAGING
STD20N20T4
D20N20
DPAK
TAPE & REEL
STF20N20
F20N20
TO-220FP
TUBE
STP20N20
P20N20
TO-220
TUBE
Rev. 3


Similar Part No. - STF20N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
04-Jun-2018
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 21P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh™ V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
logo
Inchange Semiconductor ...
STF20N65M5 ISC-STF20N65M5 Datasheet
311Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
22-Mar-2017
STF20N65M5 STMICROELECTRONICS-STF20N65M5_V01 Datasheet
1Mb / 18P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
22-Mar-2017
More results

Similar Description - STF20N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB14NF10 STMICROELECTRONICS-STB14NF10 Datasheet
464Kb / 11P
N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
June 2002
STB30NF10 STMICROELECTRONICS-STB30NF10 Datasheet
455Kb / 11P
N-CHANNEL 100V - 0.038 ohm - 35A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
May-2002
STP40N20 STMICROELECTRONICS-STP40N20 Datasheet
348Kb / 13P
N-CHANNEL 200V - 0.038 OHM - 40A TO-220/TO-247/D2PAK LOW GATE CHARGE STripFET MOSFET
03-Jun-2005
STP135N10 STMICROELECTRONICS-STP135N10 Datasheet
204Kb / 8P
N-CHANNEL 100V - 0.007 ohm - 135A DPAK/TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Jul-2003
STP14NF12 STMICROELECTRONICS-STP14NF12_06 Datasheet
311Kb / 14P
N-channel 120V - 0.16OHM - 14A - TO-220/TO-220FP Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
STD20NF20 STMICROELECTRONICS-STD20NF20 Datasheet
505Kb / 16P
N-channel 200V - 0.10廓 -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET??Power MOSFET
17-Apr-2007
STP40NF20 STMICROELECTRONICS-STP40NF20 Datasheet
480Kb / 17P
N-channel 200V - 0.038Ω -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET??Power MOSFET
06-Jul-2007
STD16NF25 STMICROELECTRONICS-STD16NF25 Datasheet
462Kb / 16P
N-channel 250V - 0.195Ω - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
16-Oct-2007
STD20NF20 STMICROELECTRONICS-STD20NF20_09 Datasheet
915Kb / 15P
N-channel 200 V, 0.10 Ω, 18 A DPAK, TO-220, TO-220FP low gate charge STripFET??Power MOSFET
10-Dec-2009
STF40N20 STMICROELECTRONICS-STF40N20 Datasheet
507Kb / 18P
N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
16-Aug-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com