Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF20NM60D Datasheet(PDF) 9 Page - STMicroelectronics

Part # STF20NM60D
Description  N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20NM60D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STF20NM60D Datasheet HTML 5Page - STMicroelectronics STF20NM60D Datasheet HTML 6Page - STMicroelectronics STF20NM60D Datasheet HTML 7Page - STMicroelectronics STF20NM60D Datasheet HTML 8Page - STMicroelectronics STF20NM60D Datasheet HTML 9Page - STMicroelectronics STF20NM60D Datasheet HTML 10Page - STMicroelectronics STF20NM60D Datasheet HTML 11Page - STMicroelectronics STF20NM60D Datasheet HTML 12Page - STMicroelectronics STF20NM60D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
STF20NM60D - STP20NM60FD - STW20NM60FD
Test circuit
9/15
3
Test circuit
Figure 16. Switching times test circuit for
resistive load
Figure 17. Gate charge test circuit
Figure 18. Test circuit for inductive load
switching and diode recovery times
Figure 19. Unclamped inductive load test
circuit
Figure 20. Unclamped inductive waveform
Figure 21. Switching time waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com