Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF20NM60D Datasheet(PDF) 14 Page - STMicroelectronics

Part # STF20NM60D
Description  N-CHANNEL 600V - 0.26ohm - 20A TO-220-TO-220FP-TO-247 FDmesh POWER MOSFET (with FAST DIODE)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20NM60D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STF20NM60D Datasheet HTML 7Page - STMicroelectronics STF20NM60D Datasheet HTML 8Page - STMicroelectronics STF20NM60D Datasheet HTML 9Page - STMicroelectronics STF20NM60D Datasheet HTML 10Page - STMicroelectronics STF20NM60D Datasheet HTML 11Page - STMicroelectronics STF20NM60D Datasheet HTML 12Page - STMicroelectronics STF20NM60D Datasheet HTML 13Page - STMicroelectronics STF20NM60D Datasheet HTML 14Page - STMicroelectronics STF20NM60D Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
STF20NM60D - STP20NM60FD - STW20NM60FD
14/15
5
Revision history
Table 8.
Revision history
Date
Revision
Changes
09-Sep-2004
1
First release
21-Apr-2006
2
New template
25-Jul-2006
3
Modified part number
01-Aug-2006
4
Corrected unit on Table 5.: Dynamic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com