Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STW81100
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STW81100 Datasheet HTML 2Page - STMicroelectronics STW81100 Datasheet HTML 3Page - STMicroelectronics STW81100 Datasheet HTML 4Page - STMicroelectronics STW81100 Datasheet HTML 5Page - STMicroelectronics STW81100 Datasheet HTML 6Page - STMicroelectronics STW81100 Datasheet HTML 7Page - STMicroelectronics STW81100 Datasheet HTML 8Page - STMicroelectronics STW81100 Datasheet HTML 9Page - STMicroelectronics STW81100 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
STW81100
6/23
Notes: 1. : see relationship between ICP and REXT in the Circuit Description section (Charge Pump)
2. : Comparison frequency leakage (400KHz) and harmonics
3. : Guaranteed by design and characterization.
Table 7. Phase Noise Performance1)
PLL MISCELLANEUS
IPLL
Current Consumption
Input Buffer, Prescaler, Digital
Dividers, misc
10
mA
tLOCK
Lock up time
40 KHz PLL bandwidth; within
1 ppm of frequency error
150
µs
Parameter
Test Condition
Min
Typ
Max
Units
In Band Phase Noise – Closed Loop2)
Normalized In Band Phase Noise
Floor
ICP=2mA, PLL BW = 50KHz;
including reference clock contribution
-212
dBc/Hz
In Band Phase Noise Floor
Direct Output
-212+20log(N)+10log(fcomp)dBc/Hz
In Band Phase Noise Floor
Divider by 2
-218+20log(N)+10log(fcomp)dBc/Hz
In Band Phase Noise Floor
Divider by 4
-224+20log(N)+10log(fcomp)dBc/Hz
PLL Integrated Phase Noise with Divider by 2
Integrated Phase Noise (single
sided) 400Hz to 4MHz
ICP = 4mA, fcomp = 400KHz
(N = 10000), PLL BW = 15KHz
-39
-37
dBc
Integrated Phase Noise (single
sided) 100Hz to 25MHz
-38
-36
dBc
VCO A Direct (3280MHz-3900MHz) – Open Loop
Phase Noise @ 1 KHz
-56
-53
dBc/Hz
Phase Noise @ 10 KHz
-83
-82
dBc/Hz
Phase Noise @ 100 KHz
-105
-102
dBc/Hz
Phase Noise @ 1 MHz
-128
-125
dBc/Hz
Phase Noise @ 10 MHz
-148
-145
dBc/Hz
Phase Noise @ 40 MHz
-156
-153
dBc/Hz
VCO B Direct (3800MHz-4400MHz) – Open Loop
Phase Noise @ 1 KHz
-55
-52
dBc/Hz
Phase Noise @ 10 KHz
-82
-79
dBc/Hz
Phase Noise @ 100 KHz
-104
-101
dBc/Hz
Phase Noise @ 1 MHz
-127
-124
dBc/Hz
Phase Noise @ 10MHz
-147
-143
dBc/Hz
Phase Noise @ 40 MHz
-155
-152
dBc/Hz
VCO A with divider by 2 (1640MHz-1950MHz) – Open Loop
Phase Noise @ 1 KHz
-62
-59
dBc/Hz
Phase Noise @ 10 KHz
-89
-86
dBc/Hz
Phase Noise @ 100 KHz
-111
-108
dBc/Hz
Phase Noise @ 1 MHz
-134
-131
dBc/Hz
Phase Noise @ 10 MHz
-150
-148
dBc/Hz
Phase Noise @ 20 MHz
-152
-150
dBc/Hz
Phase Noise Floor @ 40 MHz
-153
-151
dBc/Hz
Table 6. Electrical Characteristcs (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com