Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW81100 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STW81100
Description  MULTI-BAND RF FREQUENCY SYNTHESIZER WITH INTEGRATED VCOS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81100 Datasheet(HTML) 5 Page - STMicroelectronics

  STW81100 Datasheet HTML 1Page - STMicroelectronics STW81100 Datasheet HTML 2Page - STMicroelectronics STW81100 Datasheet HTML 3Page - STMicroelectronics STW81100 Datasheet HTML 4Page - STMicroelectronics STW81100 Datasheet HTML 5Page - STMicroelectronics STW81100 Datasheet HTML 6Page - STMicroelectronics STW81100 Datasheet HTML 7Page - STMicroelectronics STW81100 Datasheet HTML 8Page - STMicroelectronics STW81100 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
STW81100
CHARGE PUMP
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
ICP
ICP sink/source1
3bit programmable
4
mA
VOCP
Output voltage compliance
range
0.4
Vdd-0.3
V
Spurious2,3
Direct Output
-65
-54
dBc
Divider by 2
-70
-60
dBc
Divider by 4
-70
-66
dBc
VCOs
KvcoA
VCOA sensitivity3
Sub-Band 00000
85
105
135
MHz/V
Sub-Band 01111
55
70
95
MHz/V
Sub-Band 11111
35
50
65
MHz/V
KvcoB
VCOB sensitivity3
Sub-Band 00000
60
75
100
MHz/V
Sub-Band 01111
35
45
60
MHz/V
Sub-Band 11111
20
25
35
MHz/V
VCOA Pushing
3
710
MHz/V
VCOB Pushing
3
914
MHz/V
VCO control voltage
0.4
3
V
LO Harmonic Spurious
-20
dBc
VCO current consumption
25
mA
VCO buffer consumption
15
mA
IDIV2
DIVIDER by 2 consumption
18
mA
IDIV4
DIVIDER by 4 consumption
14
mA
LO OUTPUT BUFFER
POUT
Output level
0
dBm
RL
Return Loss
Matched to 50ohm
15
dB
ILOBUF
Current Consumption
DIV4 Buff
26
mA
DIV2 Buff
23
mA
Direct Output
37
mA
EXTERNAL VCO (Test purpose only)
fINVCO
Frequency range
3.28
4.4
GHz
PIN
Input level
0
+6
dBm
VINDC
DC Input level
2
V
IEXTBUF
Current Consumption
VCO Internal Buffer
15
mA
Table 6. Electrical Characteristcs (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com