Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8194ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8194ACPZ-R7
Description  Buffered 2:1 TMDS Switch Equalization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8194ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8194ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
AD8194
Rev. A | Page 5 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IN_A2
IP_A2
VTTI
IN_A3
IP_A3
AVCC
OP3
ON3
IP_B2
IN_B2
AVCC
IP_B1
IN_B1
VTTI
IP_B0
IN_B0
NOTES
1. THE AD8194 LFCSP HAS AN EXPOSED PADDLE (ePAD) ON THE UNDERSIDE
OF THE PACKAGE, WHICH AIDS IN HEAT DISSIPATION. THE ePAD MUST BE
ELECTRICALLY CONNECTED TO THE AVEE SUPPLY PLANE TO MEET
THERMAL SPECIFICATIONS.
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
AD8194
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
IN_A2
HS I
High Speed Input Complement.
2
IP_A2
HS I
High Speed Input.
3, 19
VTTI
Power
Input Termination Supply. Nominally connected to AVCC.
4
IN_A3
HS I
High Speed Input Complement.
5
IP_A3
HS I
High Speed Input.
6, 22
AVCC
Power
Positive Power Supply. 3.3 V nominal.
7
OP3
HS O
High Speed Output.
8
ON3
HS O
High Speed Output Complement.
9
OP2
HS O
High Speed Output.
10
ON2
HS O
High Speed Output Complement.
11, 27, ePAD
AVEE
Power
Negative Power Supply. 0 V nominal.
12
OP1
HS O
High Speed Output.
13
ON1
HS O
High Speed Output Complement.
14
VTTO
Power
Output Termination Supply. Nominally connected to AVCC.
15
OP0
HS O
High Speed Output.
16
ON0
HS O
High Speed Output Complement.
17
IN_B0
HS I
High Speed Input Complement.
18
IP_B0
HS I
High Speed Input.
20
IN_B1
HS I
High Speed Input Complement.
21
IP_B1
HS I
High Speed Input.
23
IN_B2
HS I
High Speed Input Complement.
24
IP_B2
HS I
High Speed Input.
25
IN_B3
HS I
High Speed Input Complement.
26
IP_B3
HS I
High Speed Input.
28
IN_A0
HS I
High Speed Input Complement.
29
IP_A0
HS I
High Speed Input.
30
S_SEL
Control
Source Selector Pin.
31
IN_A1
HS I
High Speed Input Complement.
32
IP_A1
HS I
High Speed Input.
1
HS = high speed, I = input, O = output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com