Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8194ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8194ACPZ-R7
Description  Buffered 2:1 TMDS Switch Equalization
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8194ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8194ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8194ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Buffered 2:1 TMDS Switch
with Equalization
Data Sheet
AD8194
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
2 inputs, 1 output HDMI/DVI high speed signal switch
Pin-to-pin compatible with the AD8193
Enables HDMI 1.3-compliant receiver
4 TMDS channels per input/output
Supports 250 Mbps to 2.25 Gbps data rates
Supports 25 MHz to 225 MHz pixel clocks
Fully buffered unidirectional inputs/outputs
Equalized inputs for operation with long HDMI cables
(20 m at 2.25 Gbps)
Matched 50 Ω input and output on-chip terminations
Low added jitter
Single-supply operation (3.3 V)
Standards compliant: HDMI receiver, DVI
32-lead, 5 mm × 5 mm, RoHS-compliant LFCSP
APPLICATIONS
Advanced television (HDTV) sets
Multiple input displays
Projectors
A/V receivers
Set-top boxes
FUNCTIONAL BLOCK DIAGRAM
AD8194
CONTROL
LOGIC
+4
4
–
+
–
+
–
4
4
4
4
Tx
SWITCH
CORE
HIGH SPEED
BUFFERED
VTTO
VTTI
IP_A[3:0]
IN_A[3:0]
IP_B[3:0]
IN_B[3:0]
VTTI
S_SEL
OP[3:0]
ON[3:0]
AVCC AVEE
EQ
Figure 1.
TYPICAL APPLICATION
HDMI
RECEIVER
AD8194
HDTV SET
DVD PLAYER
SET-TOP BOX
Figure 2. Typical AD8194 Application for HDTV Sets
GENERAL DESCRIPTION
The AD8194 is a low cost quad 2:1 TMDS® switch for high
speed HDMI™/DVI video applications. The AD8194 features
equalized inputs, ideal for systems with long cable runs. Its
primary function is to switch the high speed signals from one
of two single-link (HDMI or DVI) sources to the single-link
output. The AD8194 is a fully buffered switch solution with 50 Ω
input and output terminations, providing full-swing output
signal recovery and minimizing reflections for improved system
signal integrity.
The AD8194 is provided in a space-saving, 32-lead, LFCSP,
surface-mount, RoHS-compliant, plastic package and is specified
to operate over the −40°C to +85°C temperature range.
PRODUCT HIGHLIGHTS
1.
Data supports rates up to 2.25 Gbps, enabling greater than
1080p deep color (12-bit color) HDMI formats and greater
than UXGA (1600 × 2300) DVI resolutions.
2.
Fully buffered inputs and outputs.
3.
Input cable equalizer enables use of long cables at the
input. For a typical 24 AWG cable, the AD8194 compen-
sates for more than 20 m at data rates up to 2.25 Gbps.
4.
Matched 50 Ω on-chip input and output terminations
improve system signal integrity.
5.
Single-pin source select bit.
6.
Low added jitter.


Similar Part No. - AD8194ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8194ACPZ-R7 AD-AD8194ACPZ-R7 Datasheet
476Kb / 16P
Buffered 2:1 TMDS Switch with Equalization
REV. 0
More results

Similar Description - AD8194ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
2:1 HDMI/DVI Switch with Equalization
AD8190 AD-AD8190 Datasheet
793Kb / 24P
2:1 HDMI/DVI Switch with Equalization
7/06-Revision 0
AD8193 AD-AD8193 Datasheet
463Kb / 16P
Buffered 2:1 TMDS Switch
REV. 0
logo
Texas Instruments
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
DisplayPort 1:2 Switch With Integrated TMDS Translator
logo
Analog Devices
AD8194ACPZ AD-AD8194ACPZ Datasheet
476Kb / 16P
Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8190 AD-AD8190_15 Datasheet
794Kb / 24P
2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8193 AD-AD8193_15 Datasheet
464Kb / 16P
Buffered 2:1 TMDS Switch
REV. 0
AD8194 AD-AD8194_15 Datasheet
463Kb / 16P
Buffered 2:1 TMDS Switch with Equalization
REV. 0
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
2:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com