Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7481 Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7481
Description  Integrated Video Decoder and Dual Mode HDMI/MHL Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7481 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7481 Datasheet HTML 9Page - Analog Devices ADV7481 Datasheet HTML 10Page - Analog Devices ADV7481 Datasheet HTML 11Page - Analog Devices ADV7481 Datasheet HTML 12Page - Analog Devices ADV7481 Datasheet HTML 13Page - Analog Devices ADV7481 Datasheet HTML 14Page - Analog Devices ADV7481 Datasheet HTML 15Page - Analog Devices ADV7481 Datasheet HTML 16Page - Analog Devices ADV7481 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
ADV7481
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
TVDD, DVDDIO to GND
4 V
AVDD, PVDD, MVDD, DVDD, CVDD
to GND
2.2 V
CVDD to DVDD
−0.3 V to +0.3 V
MVDD to DVDD
−0.3 V to +0.3 V
PVDD to DVDD
−0.3 V to +0.3 V
AVDD to DVDD
−0.3 V to +0.3 V
Digital Inputs Voltage to GND
GND − 0.3 V to DVDDIO +
0.3 V
Digital Outputs Voltage to GND
GND − 0.3 V to DVDDIO +
0.3 V
Analog Inputs to GND
−0.3 V to AVDD + 0.3 V
XTALN and XTALP to GND
−0.3 V to PVDD + 0.3 V
HDMI/MHL Digital Inputs Voltage
to GND
−0.3 V to CVDD + 0.3 V
5 V Tolerant Inputs Voltage to
GND1, 2
−0.3 V to +5.5 V
Maximum Junction Temperature
(TJ max)
125°C
Storage Temperature Range
−65°C to +150°C
Infrared Reflow Soldering
(20 sec)
260°C
1
The following inputs are 3.3 V inputs but are 5 V tolerant:
DDC_SCL/CD_PULLUP, DDC_SDA, HPD/CBUS, RX_5V/VBUS, CD_SENSE and
CEC.
2
The following inputs are 1.8 V inputs but are 5 V tolerant: DIAG1, DIAG2,
DIAG3, and DIAG4.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
To reduce power consumption when using the ADV7481, turn
off unused sections of the device.
Due to printed circuit board (PCB) metal variation, and,
therefore, variation in PCB heat conductivity, the value of θJA
may differ for various PCBs.
The most efficient measurement solution is achieved using the
package surface temperature to estimate the die temperature.
This eliminates the variance associated with the θJA value.
Do not exceed the maximum junction temperature (TJ max) of
125°C. The following equation calculates the junction
temperature (TJ) using the measured package surface
temperature and applies only when no heat sink is used on the
device under test (DUT):
TJ = TS + (ΨJT ×WTOTAL)
where:
TS is the package surface temperature (°C).
ΨJT = 0.81°C/W for the 100-ball CSP_BGA (based on 2s2p test
board defined by JEDEC standards.
WTOTAL = (PVDD × IPVDD) + (TVDD × ITVDD) − PUpStream +
(CVDD × ICVDD) + (AVDD × IAVDD) + (DVDD × IDVDD) +
(DVDDIO × IDVDDIO) + (MVDD × IMVDD)
where PUpStream is the quantity of TVDD power consumed on the
upstream HDMI or MHL transmitter. PUpStream can be estimated
to be around 110 mW for a nominal HDMI transmitter. PUpStream
can be estimated to be around 42.82 mW for a nominal MHL
transmitter.
ESD CAUTION
Rev. 0 | Page 13 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com