Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7481 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV7481
Description  Integrated Video Decoder and Dual Mode HDMI/MHL Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7481 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV7481 Datasheet HTML 14Page - Analog Devices ADV7481 Datasheet HTML 15Page - Analog Devices ADV7481 Datasheet HTML 16Page - Analog Devices ADV7481 Datasheet HTML 17Page - Analog Devices ADV7481 Datasheet HTML 18Page - Analog Devices ADV7481 Datasheet HTML 19Page - Analog Devices ADV7481 Datasheet HTML 20Page - Analog Devices ADV7481 Datasheet HTML 21Page - Analog Devices ADV7481 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Data Sheet
ADV7481
AUDIO PROCESSING
The ADV7481 features an audio processor that handles the
audio extracted from the MHL or HDMI stream by the
HDMI/MHL receiver. It contains an audio mute controller that
can detect a variety of conditions that may result in audible
extraneous noise in the audio output. On detection of these
conditions, a 2-channel linear PCM audio signal can be ramped
down to a mute state to prevent audio clicks or pops.
The audio is output on a single flexible serial digital audio
output port supporting I2S-compatible, left justified, and right
justified audio output modes in master mode only. TDM is also
supported, allowing up to eight audio channels with a sample
rate up to 48 kHz to be transmitted over the single serial digital
audio interface.
MIPI CSI-2 TRANSMITTERS
The ADV7481 features two MIPI CSI-2 transmitters: a four-
lane transmitter (Transmitter A) and a single lane transmitter
(Transmitter B).
The four-lane transmitter consists of four differential data lanes
(DA0N, DA0P, DA1N, DA1P, DA2N, DA2P, DA3N, and
DA3P), and a differential clock lane (CLKAN and CLKAP). It
supports four data lanes, two data lanes, and one data lane
muxing options, and can be used to transmit video received on
either the HDMI/MHL receiver (processed through the CP),
the 8-bit digital input port, or the AFE (processed through the
SDP).
The main features of the four-lane MIPI transmitter
(Transmitter A) include
•
Support for 8-bit and 10-bit YCbCr 4:2:2 video modes.
•
Support for 24-bit RGB 4:4:4 (RGB888), 18-bit RGB 4:4:4
(RGB666), and 16-bit RGB 4:4:4 (RGB565) video modes.
•
Support for video formats ranging from 480i to 1080p, and
display resolutions from VGA to UXGA (certain
restrictions apply to the muxing option, video mode, and
video format that can be selected).
•
Data lanes and clock lane remapping to ease PCB layout.
The single lane transmitter consists of a single differential data
lane (DB0N and DB0P) and a differential clock lane (CLKBN
and CLKBP). It transmits video received on the AFE (processed
through the SDP).
The main features of the single lane MIPI transmitter
(Transmitter B) include
•
Support for 8-bit YCbCr 4:2:2 video mode.
•
Support for 480i and 576i video formats.
INTERRUPTS
The ADV7481 features three interrupt request pins. INTRQ1
and INTRQ2 can be programmed to trigger interrupts based on
various selectable events related to the HDMI/MHL receiver
(video and audio related), the SDP, and the CP. INTRQ3 is
dedicated to events related to the MHL CBUS.
Rev. 0 | Page 21 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com