Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2005 Datasheet(PDF) 12 Page - SMSC Corporation

Part # USB2005
Description  USB2.0 ATA/ATAPI CONTROLLER WITH PD - DRM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2005 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button USB2005 Datasheet HTML 8Page - SMSC Corporation USB2005 Datasheet HTML 9Page - SMSC Corporation USB2005 Datasheet HTML 10Page - SMSC Corporation USB2005 Datasheet HTML 11Page - SMSC Corporation USB2005 Datasheet HTML 12Page - SMSC Corporation USB2005 Datasheet HTML 13Page - SMSC Corporation USB2005 Datasheet HTML 14Page - SMSC Corporation USB2005 Datasheet HTML 15Page - SMSC Corporation USB2005 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
USB2.0 ATA/ATAPI Controller with PD-DRM
Datasheet
Revision 0.2 (06-07-05)
12
SMSC USB2005
DATASHEET
5.1
Buffer Type Descriptions
RESET input
nRESET
IS
This active low signal is used by the system to
reset the chip. The active low pulse should be
at least 100ns wide.
Test input
nTest[0:2]
IP
These signals are used for testing the chip.
User should normally leave them unconnected.
For board continuity testing, all pads (except
RBIAS, FSDP, USBDP, USBDM, FSDM,
RTERM, XTAL1, XTAL2, LOOPFLTR and
nTEST[0:2]) are included in an XNOR chain
which is enabled by pulling nTEST2 low. nIOR
is the output of the chain (the chain begins at
pin 2) and will reflect the toggling of a signal
on each pin. Circuit board continuity of the pin
solder connections after assembly can be
checked in this manner
POWER, GROUNDS, AND NO CONNECTS
VDD
+2.5V Core power
VDDIO
+3.3V I/O power
VDDP
+2.5 Analog power
VSSP
Analog Ground Reference
VDDA
+3.3V Analog power
VSSA
Analog Ground Reference
GND
Ground Reference
NC
No Connect. These pins should not be
connected externally.
Table 5.2 USB2005 Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input
IS
Input with Schmitt trigger
IP
Input with weak pull-up
IO8
Input/Output with 8 mA drive
O8
Output with 8mA drive
O12
Output with 12mA drive
IO12PU
Input/Output with 12 ma drive and controlled weak pull up
IO12
Input/Output with 12 ma drive
IO20
Input/output with 20mA drive
O20
Output with 20mA drive
O20PU
Output with 20mA drive and weak pullup
Table 5.1 USB2005 Pin Descriptions (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com