Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2005 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB2005
Description  USB2.0 ATA/ATAPI CONTROLLER WITH PD - DRM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2005 Datasheet(HTML) 1 Page - SMSC Corporation

  USB2005 Datasheet HTML 1Page - SMSC Corporation USB2005 Datasheet HTML 2Page - SMSC Corporation USB2005 Datasheet HTML 3Page - SMSC Corporation USB2005 Datasheet HTML 4Page - SMSC Corporation USB2005 Datasheet HTML 5Page - SMSC Corporation USB2005 Datasheet HTML 6Page - SMSC Corporation USB2005 Datasheet HTML 7Page - SMSC Corporation USB2005 Datasheet HTML 8Page - SMSC Corporation USB2005 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SMSC USB2005
DATASHEET
Revision 0.2 (06-07-05)
Datasheet
PRODUCT FEATURES
USB2005
USB2.0 ATA/ATAPI
Controller with PD-DRM
Provides support for digital rights management for
portable devices (PD-DRM) via Mass Storage Class
SCSI Inquiry command as specified by Microsoft for
Windows Media Systems (WM-DRM). Reports all
media as Removable (HDDs only).
2.5 Volt, Low Power Core Operation
3.3 Volt I/O with 5V input tolerance
Supports a low-cost single 3.3V regulator design, by
using a 1N4001 diode to provide the 2.5V core
voltage (from the 3.3V supply)
Complete USB Specification 2.0 Compatibility
— Includes USB2.0 Transceiver
— A Bi-directional Control and a Bi-directional Bulk
Endpoint are provided.
Complete System Solution for interfacing ATA or
ATAPI devices to USB2.0 bus
— Supports USB Mass Storage Compliant Bootable BIOS
— Supports ATA6 Drive capacities up to 2048GB
— True UDMA Mode 4 transfer rates
— Support for ATAPI Devices:
– CD-ROM
– CD-R
– CD-RW
–DVD
–DVD/R/W
Support for sharing ATA/ATAPI drive with external
microprocessor for file playback in portable media
player applications
— Pin indication of USB bus SUSPEND state
— Control pin to force drive interface high impedance
state for drive sharing
8051 8 bit microprocessor
— Provides low speed control functions
— 30 Mhz execution speed at 4 cycles per instruction
average
— 768 Bytes of internal SRAM for general purpose
scratchpad or program execution while re-flashing
external ROM
Double Buffered Bulk Endpoint
— Bi-directional 512 Byte Buffer for Bulk Endpoint
— 64 Byte RX Control Endpoint Buffer
— 64 Byte TX Control Endpoint Buffer
Internal or External Program Memory Interface
— 48K Byte Internal ROM or optional 64K Byte External
Code Space using Flash, SRAM, or EPROM Memory
On Board 12Mhz Crystal Driver Circuit
Internal PLL for 480Mhz USB2.0 Sampling, 30Mhz
MCU clock, and 60Mhz ATA clock
Supports firmware upgrade via USB bus if "boot
block" Flash program memory is used for optional
external program memory
Optional Serial EEPROM interface for VID/PID/Serial
Number Customization
100STQFP Package (12x12x1.4mm body, 14x14mm
footprint); green, lead-free package also available


Similar Part No. - USB2005

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2005 SMSC-USB2005 Datasheet
832Kb / 21P
USB 2.0 ATA/ATAPI Controller with PD-DRM
USB2005-MV-01 SMSC-USB2005-MV-01 Datasheet
832Kb / 21P
USB 2.0 ATA/ATAPI Controller with PD-DRM
USB2005 SMSC-USB2005_07 Datasheet
832Kb / 21P
USB 2.0 ATA/ATAPI Controller with PD-DRM
More results

Similar Description - USB2005

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN11010F SONIX-SN11010F Datasheet
151Kb / 13P
USB to ATA/ATAPI Interface Controller
logo
SMSC Corporation
USB97C202 SMSC-USB97C202 Datasheet
305Kb / 17P
ATA/ATAPI CONTROLLER
USB97C201 SMSC-USB97C201 Datasheet
385Kb / 59P
USB 2.0 ATA/ ATAPI Controller
USB97C201 SMSC-USB97C201_03 Datasheet
423Kb / 59P
USB 2.0 ATA/ ATAPI Controller
USB97C202 SMSC-USB97C202_07 Datasheet
189Kb / 19P
USB 2.0 ATA/ATAPI Controller
USB2005 SMSC-USB2005_07 Datasheet
832Kb / 21P
USB 2.0 ATA/ATAPI Controller with PD-DRM
logo
List of Unclassifed Man...
AU6390 ETC2-AU6390 Datasheet
435Kb / 19P
USB2.0 to ATA/ATAPI Bridge Controller
AU6391 ETC2-AU6391 Datasheet
673Kb / 22P
USB2.0 to ATA/ATAPI Bridge Controller
logo
Actel Corporation
A3P125 ACTEL-A3P125 Datasheet
414Kb / 1P
ATA/ATAPI Controller
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
USB 2.0 To ATA/ATAPI Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com