Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1401294 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1401294
Description  Sensor/actuator cable, 3-position, PUR, black, free cable end, on Valve connector B (10 mm), with 1 LED,connected with Damping diode, cable length: 1.5 m, With holding current limiting device for energy reduction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1401294 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1401294 Datasheet HTML 1Page - PHOENIX CONTACT 1401294 Datasheet HTML 2Page - PHOENIX CONTACT 1401294 Datasheet HTML 3Page - PHOENIX CONTACT 1401294 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1401294
09/06/2018   Page 1 / 4
Sensor/actuator cable - SAC-3P- 1,5-PUR/B-1L-R-ES - 1401294
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Sensor/actuator cable, 3-position, PUR, black, free cable end, on Valve connector B (10 mm), with 1 LED,
connected with Damping diode, cable length: 1.5 m, With holding current limiting device for energy reduction
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356924559
Technical data
Dimensions
Length of cable
1.5 m
Central screw valve connector
M3 x 28
Ambient conditions
Ambient temperature (operation)
-25 °C ... 80 °C (valve plug)
Degree of protection
IP67
General
Rated current at 40°C
1 A
Rated voltage
24 V DC ±20 %
24 V DC
Number of positions
3
Insulation resistance
≥ 100 MΩ
Standards/regulations
Valve connector EN 175301-803
Status display
1 LED
Protective circuit/component
Freewheeling diode with holding current limiting device
Switch-over time
approx. 200 ms (Initial operating time)
Clock frequency
approx. 2500 Hz (Holding current limiting device)
Switching frequency
max. 5 Hz (Connected valve)


Similar Part No. - 1401294

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1401295 PHOENIX-1401295 Datasheet
382Kb / 8P
SAC-3P- 3,0-PUR/B-1L-R-ES - Sensor/actuator cable
More results

Similar Description - 1401294

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1401031 PHOENIX-1401031 Datasheet
96Kb / 5P
Sensor/Actuator cable, 5-position, PUR halogen-free, black-gray RAL 7021, shielded, Plug straight M12, Acoded, on Socket angled M12, A-coded, Cable length: 1 m
1402561 PHOENIX-1402561 Datasheet
106Kb / 4P
Sensor/actuator cable, 3-position, Plug straight M12, A-coded, on Socket straight M12, A-coded, cable length: 5 m, For valve connector
1402562 PHOENIX-1402562 Datasheet
100Kb / 4P
Sensor/actuator cable, 3-position, Plug straight M12, A-coded, on Socket straight M12, A-coded, cable length: 10 m, For valve connector
1402958 PHOENIX-1402958 Datasheet
76Kb / 4P
Bus system cable, CANopen짰, DeviceNet?? 5-position, PVC, black, shielded, free cable end, on Socket straight M12, A-coded, cable length: 10 m
1413004 PHOENIX-1413004 Datasheet
114Kb / 4P
Sensor/actuator cable, 8-position, PUR halogen-free, black-gray RAL 7021, shielded, free cable end, on Socket straight M12, A-coded, cable length: 35 m
1513619 PHOENIX-1513619 Datasheet
106Kb / 4P
Bus system cable, CANopen짰, DeviceNet?? 5-position, PUR halogen-free, violet RAL 4001, shielded, Plug straight M12, A-coded, on free cable end, cable length: 3 m
1515109 PHOENIX-1515109 Datasheet
106Kb / 5P
Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, shielded, free cable end, on Socket straight M12, A-coded, cable length: 15 m
1515183 PHOENIX-1515183 Datasheet
78Kb / 5P
Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, free cable end, on Socket straight M12, A-coded, cable length: 10 m
2702336 PHOENIX-2702336 Datasheet
63Kb / 3P
Door position switch with 3 m cable with open cable end and 0.6 m cable with M8 socket (Snap-in), including mounting accessories
logo
WAGO Kontakttechnik Gmb...
756-5111-030-015 WAGO-756-5111-030-015 Datasheet
179Kb / 4P
Sensor/Actuator cable; M8 plug; straight; 3-pole; Length: 1.5 m
22.11.2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com