Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1401294 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1401294
Description  Sensor/actuator cable, 3-position, PUR, black, free cable end, on Valve connector B (10 mm), with 1 LED,connected with Damping diode, cable length: 1.5 m, With holding current limiting device for energy reduction
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1401294 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1401294 Datasheet HTML 1Page - PHOENIX CONTACT 1401294 Datasheet HTML 2Page - PHOENIX CONTACT 1401294 Datasheet HTML 3Page - PHOENIX CONTACT 1401294 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1401294
09/06/2018   Page 2 / 4
Sensor/actuator cable - SAC-3P- 1,5-PUR/B-1L-R-ES - 1401294
Technical data
Material
Valve plug contact material
CuSn
Valve plug contact surface material
Ag
Valve plug contact insert material
PA 6.6
Material housing valve plug
TPU
Sealing material
TPU (Seal molded)
Standards and Regulations
Standard designation
Valve connector
Standards/regulations
EN 175301-803
Cable
Cable type
PUR halogen-free black
Cable type (abbreviation)
PUR
Cable abbreviation
Li9Y11Y-HF
UL AWM style
20549
Conductor cross section
3x 0.5 mm²
AWG signal line
20
Conductor structure signal line
28x 0.15 mm
Core diameter including insulation
1.5 mm ±0.05 mm (Signal line)
Wire colors
black 1, black 2, green/yellow
Overall twist
3 wires, twisted
External sheath, color
black-gray RAL 7021
External cable diameter D
4.5 mm ±0.2 mm
Smallest bending radius, fixed installation
22.5 mm
Number of bending cycles
15000000
Bending radius
50 mm
Traversing path
0.9 m
Traversing rate
5 m/s
Acceleration
30 m/s²
Outer sheath, material
PUR
Material conductor insulation
PP
Conductor material
Bare Cu litz wires
Insulation resistance
min. 20 MΩ*km
Conductor resistance
39 Ω/km (at 20 °C)
Nominal voltage, cable
≤ 300 V
Test voltage, cable
≥ 1200 V
Flame resistance
according to DIN VDE 0482
According to DIN EN 50265-2-1
Halogen-free
in accordance with DIN VDE 0472 part 815
Other resistance
largely oil-resistant
partly UV-resistant in accordance with DIN EN ISO 4892-2-A
Ambient temperature (operation)
-40 °C ... 80 °C (cable, fixed installation)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com