Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8718 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8718
Description  24 BIT DIFFERENTIAL STEREO DAC WITH VOLUME CONTROL
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8718 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8718 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
w
WM8718
24 Bit Differential Stereo DAC with Volume Control
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Production Data, March 2004, Rev 4.1
Copyright
2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8718 is a high performance differential stereo DAC
designed for audio applications such as DVD, home theatre
systems and digital TV. The WM8718 supports PCM data
input word lengths from 16 to 32-bits and sampling rates up
to 192kHz. The WM8718 consists of a serial interface port,
digital interpolation filters, multi-bit sigma delta modulators
and differential stereo DAC in a small 20-pin SSOP
package.
The WM8718 includes a digitally controllable
mute, an attenuate function and zero flag output for each
channel.
The 3-wire serial control port provides access to a wide
range of features including on-chip mute, attenuation and
phase reversal.
The WM8718 is an ideal device to interface to AC-3
,
DTS
, and MPEG audio decoders for surround sound
applications, or for use in DVD players including those
supporting DVD-A.
FEATURES
•
24 bit Stereo DAC
•
Fully Differential Voltage Outputs
•
Audio Performance
-
111dB SNR (‘A’ weighted @ 48kHz) DAC
-
-100dB THD
•
DAC Sampling Frequency: 8kHz - 192kHz
•
3 Wire Serial Control Interface
•
Programmable Audio Data Interface Modes
-
I
2S, Left, Right Justified, DSP
-
16/20/24/32 bit Word Lengths
•
Independent Digital Volume Control on Each Channel with
127.5dB Range in 0.5dB Steps
•
Independent Zero Flag Outputs
•
3.0V - 5.5V Supply Operation
•
20-pin SSOP Package
APPLICATIONS
•
CD, DVD, and DVD-Audio Players
•
Home theatre systems
•
Professional mixing desks
BLOCK DIAGRAM
AUDIO
INTERFACE
ATT/
MUTE
CONTROL
INTERFACE
BCKIN
VOUTLN
VOUTRN
SIGMA
DELTA
MODULATOR
LRCIN
DIN
ATT/
MUTE
SIGMA
DELTA
MODULATOR
DIGITAL
FILTERS
VMID
DAC
DAC
VOUTRP
VOUTLP
ZEROFL
ZEROFR
W
WM8718


Similar Part No. - WM8718

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8718 WOLFSON-WM8718 Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
WM8718SEDS WOLFSON-WM8718SEDS Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
WM8718SEDS/R WOLFSON-WM8718SEDS/R Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
WM8718 WOLFSON-WM8718_06 Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
More results

Similar Description - WM8718

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8706 WOLFSON-WM8706 Datasheet
237Kb / 24P
24-bit, 192kHz Stereo DAC with Volume Control
WM8706 WOLFSON-WM8706_05 Datasheet
298Kb / 26P
24-bit, 192kHz Stereo DAC with Volume Control
WM8718 WOLFSON-WM8718_06 Datasheet
405Kb / 32P
24 Bit Differential Stereo DAC with Volume Control
WM8720 WOLFSON-WM8720_05 Datasheet
173Kb / 17P
24-bit, 96kHz Stereo DAC with Volume Control
WM8728 WOLFSON-WM8728_04 Datasheet
344Kb / 28P
24-bit, 192kHz Stereo DAC with Volume Control
logo
Cirrus Logic
CS4341A CIRRUS-CS4341A_04 Datasheet
1Mb / 34P
24-Bit, 192 kHz Stereo DAC with Volume Control
CS4392 CIRRUS-CS4392_04 Datasheet
1Mb / 40P
24-Bit, 192 kHz Stereo DAC with Volume Control?
CS4391 CIRRUS-CS4391_04 Datasheet
823Kb / 38P
24-Bit, 192 kHz Stereo DAC with Volume Control
logo
Wolfson Microelectronic...
WM8728 WOLFSON-WM8728_12 Datasheet
482Kb / 30P
24-bit, 192kHz Stereo DAC with Volume Control
logo
List of Unclassifed Man...
WM8728 ETC2-WM8728 Datasheet
471Kb / 31P
24-bit, 192kHz Stereo DAC with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com