Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8950 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8950
Description  ADC WITH MICROPHONE INPUT AND PROGRAMMABLE DIGITAL FILTERS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8950 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8950 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8950 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
WM8950
Preliminary Technical Data
w
PTD Rev 2.1 June 2005
12
DEVICE DESCRIPTION
INTRODUCTION
The WM8950 is a low power audio ADC, with flexible line and microphone input. Applications for this
device include games console accessories, digital still cameras, voice recorders and other general
purpose audio applications.
FEATURES
The chip offers great flexibility in use, and so can support many different modes of operation as
follows:
MICROPHONE INPUTS
Microphone inputs are provided, allowing for either a differential microphone input or a single ended
microphone to be connected.
These inputs have a user programmable gain range of -12dB to
+35.25dB using internal resistors. After the input PGA stage comes a boost stage which can add a
further 20dB of gain. A microphone bias is output from the chip which can be used to bias the
microphones. The signal routing can be configured to allow manual adjustment of mic levels, or to
allow the ALC loop to control the level of mic signal that is transmitted.
Total gain through the microphone paths of up to +55.25dB can be selected.
PGA AND ALC OPERATION
A programmable gain amplifier is provided in the input path to the ADC. This may be used manually
or in conjunction with a mixed analogue/digital automatic level control (ALC) which keeps the
recording volume constant.
AUX INPUT
The device includes a mono input, AUX, that can be used as an input for warning tones (beep) etc.
This path can also be summed into the input in a flexible fashion, either to the input PGA as a
second microphone input or as a line input. The configuration of this circuit, with integrated on-chip
resistors allows several analogue signals to be summed into the single AUX input if required.
ADC
The mono ADC uses a multi-bit high-order oversampling architecture to deliver optimum
performance with low power consumption. Various sample rates are supported, from the 8ks/s rate
typically used in voice dictation, up to the 48ks/s rate used in high quality audio applications.
DIGITAL FILTERING
Advanced Sigma Delta Converters are used along with digital decimation and interpolation filters to
give high quality audio at sample rates from 8ks/s to 48ks/s.
Application specific digital filters are also available which help to reduce the effect of specific noise
sources such as ‘wind noise’. The filters include a programmable ADC high pass filter, an IIR filter
with fully programmable coefficients, and a 5-band equaliser that can be applied to the record path in
order to improve the overall audio sound from the device.
AUDIO INTERFACES
The WM8950 has a standard audio interface, to support the transmission of audio data from the
chip. This interface is a 4 wire standard audio interface which supports a number of audio data
formats including I
2S, DSP Mode, MSB-First, left justified and MSB-First, right justified, and can
operate in master or slave modes.
CONTROL INTERFACES
To allow full software control over all its features, the WM8950 offers a choice of 2 or 3 wire MPU
control interface. It is fully compatible and an ideal partner for a wide range of industry standard
microprocessors, controllers and DSPs. The selection between 2-wire mode and 3-wire mode is
determined by the state of the MODE pin. If MODE is high then 3-wire control mode is selected, if
MODE is low then 2-wire control mode is selected.
In 2 wire mode, only slave operation is supported, and the address of the device is fixed as 0011010.
CLOCKING SCHEMES
WM8950 offers the normal audio clocking scheme operation, where 256fs MCLK is provided to the
ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com