Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMXSD Datasheet(PDF) 2 Page - AVX Corporation

Part # LMXSD
Description  Magnetically shielded against radiation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LMXSD Datasheet(HTML) 2 Page - AVX Corporation

  LMXSD Datasheet HTML 1Page - AVX Corporation LMXSD Datasheet HTML 2Page - AVX Corporation LMXSD Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
21
LMax SMD Power Inductor
LMXS Series – Shielded Style D
0704
Codes
L
Tolerance
Test Condition
DCR
SRF ref
Q min.
I rms
(μH)
L
Q
(Ω) max.
(MHz)
(A) max.
1R0
1.0
M
100KHz, 0.1V
200KHz, 0.1V
0.040
250
30
3.00
1R5
1.5
M
100KHz, 0.1V
200KHz, 0.1V
0.045
125
30
2.30
2R2
2.2
M
100KHz, 0.1V
200KHz, 0.1V
0.050
120
40
1.80
3R3
3.3
M
100KHz, 0.1V
200KHz, 0.1V
0.055
120
40
1.60
4R7
4.7
M
100KHz, 0.1V
200KHz, 0.1V
0.060
105
40
1.40
6R8
6.8
M
100KHz, 0.1V
200KHz, 0.1V
0.065
50
40
1.20
100
10
M
100KHz, 0.1V
200KHz, 0.1V
0.075
38
40
1.00
150
15
M
100KHz, 0.1V
100KHz, 0.1V
0.090
33
40
0.80
220
22
M
100KHz, 0.1V
100KHz, 0.1V
0.11
25
40
0.70
330
33
M
100KHz, 0.1V
100KHz, 0.1V
0.19
20
40
0.60
470
47
M
100KHz, 0.1V
100KHz, 0.1V
0.23
20
40
0.50
680
68
M
100KHz, 0.1V
100KHz, 0.1V
0.29
15
40
0.40
101
100
M
100KHz, 0.1V
100KHz, 0.1V
0.48
10
40
0.30
151
150
M
100KHz, 0.1V
100KHz, 0.1V
0.59
9
40
0.26
221
220
M
100KHz, 0.1V
100KHz, 0.1V
0.90
6
40
0.22
331
330
M
100KHz, 0.1V
100KHz, 0.1V
1.40
5
40
0.20
471
470
M
100KHz, 0.1V
100KHz, 0.1V
1.80
4
40
0.19
681
680
M
100KHz, 0.1V
100KHz, 0.1V
2.20
3
40
0.18
102
1000
M
100KHz, 0.1V
100KHz, 0.1V
3.40
2
40
0.15
152
1500
M
100KHz, 0.1V
100KHz, 0.1V
4.20
2
50
0.12
222
2200
M
100KHz, 0.1V
100KHz, 0.1V
8.50
2
50
0.10
332
3300
M
100KHz, 0.1V
100KHz, 0.1V
11.0
1
50
0.08
472
4700
M
100KHz, 0.1V
100KHz, 0.1V
13.9
1
50
0.06
682
6800
M
100KHz, 0.1V
100KHz, 0.1V
25.0
1
50
0.04
103
10000
M
100KHz, 0.1V
100KHz, 0.1V
32.8
0.8
50
0.02
ELECTRICAL CHARACTERISTICS
1309
Codes
L
Tolerance
Test
DCR
SRF ref
IDC
I rms
(μH)
Condition
(Ω) max.
(MHz)
(A) max
(A) max.
1R0
1.0
M
100KHz, 0.1V
0.021
140
5.6
5.0
1R5
1.5
M
100KHz, 0.1V
0.022
120
5.2
4.5
2R2
2.2
M
100KHz, 0.1V
0.032
80
5.0
3.8
3R3
3.3
M
100KHz, 0.1V
0.039
70
3.9
3.3
4R7
4.7
M
100KHz, 0.1V
0.054
40
3.2
2.7
6R8
6.8
M
100KHz, 0.1V
0.075
38
2.8
2.2
100
10
M
100KHz, 0.1V
0.101
35
2.4
2.0
150
15
M
100KHz, 0.1V
0.150
25
2.0
1.5
220
22
M
100KHz, 0.1V
0.207
19
1.6
1.3
330
33
M
100KHz, 0.1V
0.334
15
1.4
1.1
470
47
M
100KHz, 0.1V
0.472
13
1.0
0.8
680
68
M
100KHz, 0.1V
0.660
10
0.9
0.7
101
100
M
100KHz, 0.1V
1.110
7
0.8
0.6
151
150
M
100KHz, 0.1V
1.550
6
0.6
0.5
221
220
M
100KHz, 0.1V
2.000
5
0.5
0.37
102
1000
M
100KHz, 0.1V
8.300
2
0.32
0.17



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com