Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMXSD Datasheet(PDF) 1 Page - AVX Corporation

Part # LMXSD
Description  Magnetically shielded against radiation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LMXSD Datasheet(HTML) 1 Page - AVX Corporation

  LMXSD Datasheet HTML 1Page - AVX Corporation LMXSD Datasheet HTML 2Page - AVX Corporation LMXSD Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
20
LMax SMD Power Inductor
LMXS Series – Shielded Style D
FEATURES
• Magnetically shielded against radiation
• 0704 can help achieve longer battery life significantly in
handheld communication devices.
• 1309 / 1915 designed for the higher current requirements of
portable computers.
• 0704 hasceramic base with gold–plating
• 1309 / 1915 has LCP plastic base
APPLICATIONS
• Portable Telephones
• Personal Computers
• Other Various Electronic Appliances
• DC/DC Converters, etc.
CHARACTERISTICS
• Saturation Rated Current (IDC): The DC current when the
inductance becomes 10% lower than its initial value. (Ta=25°C)
• Temperature Rise Current (I rms): The actual current when
temperature of coil becomes Δ40°C. (Ta=25°C)
• Operating temperature range: -40 ~ 85°C
INDUCTANCE AND RATED
CURRENT RANGES
• 0704
1.0 ~ 10000μH
3.0 ~ 0.02A
• 1309
1.0 ~ 1000μH
5.0 ~ 0.17A
• 1915
10 ~ 1000μH
3.9 ~ 0.53A
• Electrical specifications at 25°C
DIMENSIONS
EPOXY
680
D
F
E
J
I
H
Type
A max.
B max.
C max.
D
E
F
H
I
J
0704
6.60
4.45
2.92
4.32
1.27
1.02
3.56
1.40
4.06
(0.260)
(0.175)
(0.115)
(0.170)
(0.050)
(0.040)
(0.140)
(0.055)
(0.160)
1309
12.95
9.40
5.21
7.62
2.54
2.54
2.79
2.92
7.37
(0.510)
(0.370)
(0.205)
(0.300)
(0.100)
(0.100)
(0.110)
(0.115)
(0.290)
1915
18.54
15.24
7.62
12.70
2.54
2.54
2.79
2.92
12.45
(0.730)
(0.600)
(0.300)
(0.500)
(0.100)
(0.100)
(0.110)
(0.115)
(0.490)
mm (inches)
LM
Family
LM = Power Inductor
XS
Series
XS = Shielded
0704
Size
0704 = 7x4xh
1309 = 13x9xh
(h = see catalog)
M
Tolerance
M = ±20%
S
Packaging
S = 13" Reel
R04
Inductance
R04 = 0.039μH
R39 = 0.390μH
3R9 = 3.900μH
390 = 39.00μH
391 = 390.0μH
392 = 3900μH
D
Style
T
Termination
T = Sn Plate
A
Special
A = Standard
HOW TO ORDER


Similar Part No. - LMXSD

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LMXS0704M390DTAS AVX-LMXS0704M390DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
LMXS0704M391DTAS AVX-LMXS0704M391DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
LMXS0704M392DTAS AVX-LMXS0704M392DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
LMXS0704M3R9DTAS AVX-LMXS0704M3R9DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
LMXS0704MR04DTAS AVX-LMXS0704MR04DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
More results

Similar Description - LMXSD

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
0412CDMC SUMIDA-0412CDMC Datasheet
126Kb / 3P
Magnetically shielded.
0415CDMC SUMIDA-0415CDMC Datasheet
116Kb / 2P
Magnetically shielded.
0420CDMCB SUMIDA-0420CDMCB Datasheet
171Kb / 3P
Magnetically shielded.
0520CDMC SUMIDA-0520CDMC Datasheet
139Kb / 4P
Magnetically shielded
0415CDMCBDS SUMIDA-0415CDMCBDS Datasheet
130Kb / 3P
Magnetically shielded
0520CDMCBDS SUMIDA-0520CDMCBDS Datasheet
139Kb / 4P
Magnetically shielded
logo
TOKO, Inc
MDT2520ACN TOKO-MDT2520ACN Datasheet
128Kb / 1P
Magnetically shielded
MBH7045C TOKO-MBH7045C Datasheet
297Kb / 2P
Magnetically shielded
MBH10145C TOKO-MBH10145C Datasheet
245Kb / 1P
Magnetically shielded
MBH12282C TOKO-MBH12282C Datasheet
246Kb / 1P
Magnetically shielded
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com