Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC83X Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC83X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC83X Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC83X Datasheet HTML 8Page - NXP Semiconductors LPC83X Datasheet HTML 9Page - NXP Semiconductors LPC83X Datasheet HTML 10Page - NXP Semiconductors LPC83X Datasheet HTML 11Page - NXP Semiconductors LPC83X Datasheet HTML 12Page - NXP Semiconductors LPC83X Datasheet HTML 13Page - NXP Semiconductors LPC83X Datasheet HTML 14Page - NXP Semiconductors LPC83X Datasheet HTML 15Page - NXP Semiconductors LPC83X Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
LPC83x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.2 — 4 April 2018
12 of 78
NXP Semiconductors
LPC83x
32-bit ARM Cortex-M0+ microcontroller
8. Functional description
8.1 ARM Cortex-M0+ core
The ARM Cortex-M0+ core runs at an operating frequency of up to 30 MHz using a
two-stage pipeline. The core revision is r0p1.
Integrated in the core are the NVIC and Serial Wire Debug with four breakpoints and two
watchpoints. The ARM Cortex-M0+ core supports a single-cycle I/O enabled port for fast
GPIO access.
The core includes a single-cycle multiplier and a system tick timer.
8.2 On-chip flash program memory
The LPC83x contain up to 32 KB of on-chip flash program memory. The flash memory
supports a 64 Byte page size with page write and erase.
8.3 On-chip SRAM
The LPC83x contain a total of 4 KB on-chip static RAM data memory.
8.4 On-chip ROM
The on-chip ROM contains the bootloader and the following Application Programming
Interfaces (APIs):
• In-System Programming (ISP) and In-Application Programming (IAP) support for flash
including IAP erase page command.
8.5 Memory map
The LPC83x incorporates several distinct memory regions. Figure 6 shows the overall
map of the entire address space from the user program viewpoint following reset. The
interrupt vector area supports address remapping.
The ARM private peripheral bus includes the ARM core registers for controlling the NVIC,
the system tick timer (SysTick), and the reduced power modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com