Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC83X Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC83X
Description  32-bit ARM짰 Cortex짰-M0 microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC83X Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC83X Datasheet HTML 9Page - NXP Semiconductors LPC83X Datasheet HTML 10Page - NXP Semiconductors LPC83X Datasheet HTML 11Page - NXP Semiconductors LPC83X Datasheet HTML 12Page - NXP Semiconductors LPC83X Datasheet HTML 13Page - NXP Semiconductors LPC83X Datasheet HTML 14Page - NXP Semiconductors LPC83X Datasheet HTML 15Page - NXP Semiconductors LPC83X Datasheet HTML 16Page - NXP Semiconductors LPC83X Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
LPC83x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.2 — 4 April 2018
13 of 78
NXP Semiconductors
LPC83x
32-bit ARM Cortex-M0+ microcontroller
Fig 6.
LPC83x Memory mapping
APB peripherals
0x4000 4000
0x4000 8000
0x4000 C000
0x4001 0000
0x4001 8000
0x4002 0000
0x4002 8000
0x4003 8000
0x4003 C000
0x4004 0000
0x4004 4000
0x4004 8000
0x4004 C000
0x4005 0000
0x4005 8000
0x4005 C000
0x4006 0000
0x4006 4000
0x4006 8000
0x4008 0000
0x4002 4000
0x4001 C000
0x4001 4000
0x4000 0000
MRT
reserved
reserved
12-bit ADC
self wake-up timer
reserved
WWDT
PMU
30 - 31 reserved
0
1
2
3
4
5
6
7
8
9
0x4002 C000
0x4003 0000
0x4003 4000
DMA TRIGMUX
10
input mux
11
reserved
12
reserved
13
16
15
14
17
18
reserved
reserved
reserved
0x0000 0000
0 GB
0.5 GB
4 GB
1 GB
0x1FFF 0000
0x1FFF 3000
0x2000 0000
0x5000 0000
0x5000 4000
0xFFFF FFFF
reserved
reserved
reserved
0x4000 0000
0x4008 0000
APB peripherals
CRC
0x5000 8000
SCTimer/PWM
0x5000 C000
0xA000 0000
GPIO
0xA000 4000
0xA000 8000
GPIO PINT
0x1000 1000
4 KB SRAM
0x1000 0000
LPC83x
0x0000 8000
32 KB on-chip flash
boot ROM
0x1400 0000
0x1400 1000
4 KB MTB registers
0x0000 0000
0x0000 00C0
active interrupt vectors
reserved
reserved
DMA
reserved
flash controller
SPI0
reserved
switch matrix
IOCON
system control (SYSCON)
19
reserved
0x4005 4000
20
I2C0
21
22
23
SPI1
24
reserved
0x4006 C000
0x4007 0000
USART0
25
26
27
0x4007 4000
28
0x4007 8000
29
reserved
0xE000 0000
0xE010 0000
private peripheral bus
aaa-024107
reserved
reserved
reserved
reserved
reserved
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com