Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC84X Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC84X
Description  32-bit Arm® Cortex®-M0 microcontroller;
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC84X Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC84X Datasheet HTML 35Page - NXP Semiconductors LPC84X Datasheet HTML 36Page - NXP Semiconductors LPC84X Datasheet HTML 37Page - NXP Semiconductors LPC84X Datasheet HTML 38Page - NXP Semiconductors LPC84X Datasheet HTML 39Page - NXP Semiconductors LPC84X Datasheet HTML 40Page - NXP Semiconductors LPC84X Datasheet HTML 41Page - NXP Semiconductors LPC84X Datasheet HTML 42Page - NXP Semiconductors LPC84X Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
LPC84x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.7 — 27 February 2018
39 of 97
NXP Semiconductors
LPC84x
32-bit Arm Cortex-M0+ microcontroller
8.28 System control
8.28.1 Reset
Reset has four sources on the LPC84x: the RESET pin, the Watchdog reset, power-on
reset (POR), and the BrownOut Detection (BOD) circuit. The RESET pin is a Schmitt
trigger input pin. Assertion of chip reset by any source, once the operating voltage attains
a usable level, starts the FRO and initializes the flash controller.
A LOW-going pulse as short as 50 ns resets the part.
When the internal Reset is removed, the processor begins executing at address 0, which
is initially the Reset vector mapped from the boot block. At that point, all of the processor
and peripheral registers have been initialized to predetermined values.
In deep power-down mode, an external pull-up resistor is required on the RESET pin.
8.28.2 Brownout detection
The LPC84x includes up to four levels for monitoring the voltage on the VDD pin. If this
voltage falls below one of the selected levels, the BOD asserts an interrupt signal to the
NVIC. This signal can be enabled for interrupt in the Interrupt Enable Register in the NVIC
to cause a CPU interrupt. Alternatively, software can monitor the signal by reading a
dedicated status register. Four threshold levels can be selected to cause a forced reset of
the chip.
Fig 14. Reset pad configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com