Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC84X Datasheet(PDF) 40 Page - NXP Semiconductors

Part # LPC84X
Description  32-bit Arm® Cortex®-M0 microcontroller;
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC84X Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button LPC84X Datasheet HTML 36Page - NXP Semiconductors LPC84X Datasheet HTML 37Page - NXP Semiconductors LPC84X Datasheet HTML 38Page - NXP Semiconductors LPC84X Datasheet HTML 39Page - NXP Semiconductors LPC84X Datasheet HTML 40Page - NXP Semiconductors LPC84X Datasheet HTML 41Page - NXP Semiconductors LPC84X Datasheet HTML 42Page - NXP Semiconductors LPC84X Datasheet HTML 43Page - NXP Semiconductors LPC84X Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
LPC84x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.7 — 27 February 2018
40 of 97
NXP Semiconductors
LPC84x
32-bit Arm Cortex-M0+ microcontroller
8.28.3 Code security (Code Read Protection - CRP)
CRP provides different levels of security in the system so that access to the on-chip flash
and use of the Serial Wire Debugger (SWD) and In-System Programming (ISP) can be
restricted. Programming a specific pattern into a dedicated flash location invokes CRP.
IAP commands are not affected by the CRP.
In addition, ISP entry via the ISP entry pin can be disabled without enabling CRP. For
details, see the LPC84x user manual.
There are three levels of Code Read Protection:
1. CRP1 disables access to the chip via the SWD and allows partial flash update
(excluding flash sector 0) using a limited set of the ISP commands. This mode is
useful when CRP is required and flash field updates are needed but all sectors cannot
be erased.
2. CRP2 disables access to the chip via the SWD and only allows full flash erase and
update using a reduced set of the ISP commands.
3. Running an application with level CRP3 selected, fully disables any access to the chip
via the SWD pins and the ISP. This mode effectively disables ISP override using the
ISP entry pin as well. If necessary, the application must provide a flash update
mechanism using IAP calls or using a call to the reinvoke ISP command to enable
flash update via the USART.
In addition to the three CRP levels, sampling of the ISP entry pin for valid user code can
be disabled. For details, see the LPC84x user manual.
8.28.4 APB interface
The APB peripherals are located on one APB bus.
8.28.5 AHBLite
The AHBLite connects the CPU bus of the Arm Cortex-M0+ to the flash memory, the main
static RAM, the CRC, the DMA, the ROM, and the APB peripherals.
CAUTION
If level three Code Read Protection (CRP3) is selected, no future factory testing can be
performed on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com