Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC844 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC844
Description  32-bit Arm® Cortex®-M0 microcontroller;
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC844 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC844 Datasheet HTML 1Page - NXP Semiconductors LPC844 Datasheet HTML 2Page - NXP Semiconductors LPC844 Datasheet HTML 3Page - NXP Semiconductors LPC844 Datasheet HTML 4Page - NXP Semiconductors LPC844 Datasheet HTML 5Page - NXP Semiconductors LPC844 Datasheet HTML 6Page - NXP Semiconductors LPC844 Datasheet HTML 7Page - NXP Semiconductors LPC844 Datasheet HTML 8Page - NXP Semiconductors LPC844 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 97 page
background image
LPC84x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.7 — 27 February 2018
2 of 97
NXP Semiconductors
LPC84x
32-bit Arm Cortex-M0+ microcontroller
Supports In-System Programming (ISP) through USART, SPI, and I2C.
FAIM API.
FRO API.
On-chip ROM APIs for integer divide.
Digital peripherals:
High-speed GPIO interface connected to the Arm Cortex-M0+ I/O bus with up to 54
General-Purpose I/O (GPIO) pins with configurable pull-up/pull-down resistors,
programmable open-drain mode, input inverter, and digital filter. GPIO direction
control supports independent set/clear/toggle of individual bits.
High-current source output driver (20 mA) on four pins.
High-current sink driver (20 mA) on two true open-drain pins.
GPIO interrupt generation capability with boolean pattern-matching feature on eight
GPIO inputs.
Switch matrix for flexible configuration of each I/O pin function.
CRC engine.
DMA with 25 channels and 13 trigger inputs.
Capacitive Touch Interface.
Timers:
One SCTimer/PWM with five input and seven output functions (including capture
and match) for timing and PWM applications. Inputs and outputs can be routed to
or from external pins and internally to or from selected peripherals. Internally, the
SCTimer/PWM supports 8 match/captures, 8 events, and 8 states.
One 32-bit general purpose counter/timer, with four match outputs and three
capture inputs. Supports PWM mode, external count, and DMA.
Four channel Multi-Rate Timer (MRT) for repetitive interrupt generation at up to
four programmable, fixed rates.
Self-Wake-up Timer (WKT) clocked from either Free Running Oscillator (FRO), a
low-power, low-frequency internal oscillator, or an external clock input in the
always-on power domain.
Windowed Watchdog timer (WWDT).
Analog peripherals:
One 12-bit ADC with up to 12 input channels with multiple internal and external
trigger inputs and with sample rates of up to 1.2 Msamples/s. The ADC supports
two independent conversion sequences.
Comparator with five input pins and external or internal reference voltage.
Two 10-bit DACs.
Serial peripherals:
Five USART interfaces with pin functions assigned through the switch matrix and
two fractional baud rate generators.
Two SPI controllers with pin functions assigned through the switch matrix.
Four I2C-bus interfaces. One I2C supports Fast-mode Plus with 1 Mbit/s data rates
on two true open-drain pins and listen mode. Three I2Cs support data rates up to
400 kbit/s on standard digital pins.
Clock generation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com