Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC844 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC844
Description  32-bit Arm® Cortex®-M0 microcontroller;
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC844 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC844 Datasheet HTML 8Page - NXP Semiconductors LPC844 Datasheet HTML 9Page - NXP Semiconductors LPC844 Datasheet HTML 10Page - NXP Semiconductors LPC844 Datasheet HTML 11Page - NXP Semiconductors LPC844 Datasheet HTML 12Page - NXP Semiconductors LPC844 Datasheet HTML 13Page - NXP Semiconductors LPC844 Datasheet HTML 14Page - NXP Semiconductors LPC844 Datasheet HTML 15Page - NXP Semiconductors LPC844 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 97 page
background image
LPC84x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 1.7 — 27 February 2018
12 of 97
NXP Semiconductors
LPC84x
32-bit Arm Cortex-M0+ microcontroller
RESET/PIO0_5
5
5
5
3
[7]
I; PU
I
RESET — External reset input: A LOW-going pulse
(minimum 20 ns to maximum 50 ns) on this pin
resets the device, causing I/O ports and peripherals
to take on their default states, and processor
execution to begin at address 0.
This pin triggers a wake-up from deep power-down
mode. If the part must wake up from deep
power-down mode via the RESET pin, do not assign
any movable function to this pin and must be
externally pulled HIGH before entering deep
power-down mode. The RESET pin can be left
unconnected or be used as a GPIO or for any
movable function if an external RESET function is
not needed.
IO
PIO0_5 — General-purpose port 0 input/output 5.
PIO0_6/ADC_1/
ACMPVREF
46
34
34
23
[10] I; PU
IO
PIO0_6 — General-purpose port 0 input/output 6.
A
ADC_1 — ADC input 1.
A
ACMPVREF — Alternate reference voltage for the
analog comparator.
PIO0_7/ADC_0
45
33
33
22
[2]
I; PU
IO
PIO0_7 — General-purpose port 0 input/output 7.
A
ADC_0 — ADC input 0.
PIO0_8/XTALIN
34
26
26
18
[8]
I; PU
IO
PIO0_8 — General-purpose port 0 input/output 8.
A
XTALIN — Input to the oscillator circuit and internal
clock generator circuits. Input voltage must not
exceed 1.95 V in slave mode. See Section 14.2.2
“XTAL input”.
PIO0_9/XTALOUT
33
25
25
17
[8]
I; PU
IO
PIO0_9 — General-purpose port 0 input/output 9.
A
XTALOUT — Output from the oscillator circuit.
PIO0_10/I2C0_SCL 17
13
13
9
[6]
Inactive I; F
PIO0_10 — General-purpose port 0 input/output 10
(open-drain).
I2C0_SCL — Open-drain I2C-bus clock input/output.
High-current sink if I2C Fast-mode Plus is selected in
the I/O configuration register.
PIO0_11/I2C0_SDA 16
12
12
8
[6]
Inactive I; F
PIO0_11 — General-purpose port 0 input/output 11
(open-drain).
I2C0_SDA — Open-drain I2C-bus data input/output.
High-current sink if I2C Fast-mode Plus is selected in
the I/O configuration register.
PIO0_12
4
4
4
2
[4]
I; PU
IO
PIO0_12 — General-purpose port 0 input/output 12.
ISP entry pin. A LOW level on this pin during reset
starts the ISP command handler.
PIO0_13/ADC_10
2
2
2
1
[2]
I; PU
IO
PIO0_13 — General-purpose port 0 input/output 13.
A
ADC_10 — ADC input 10.
Table 4.
Pin description
Symbol
Reset
state[1]
Type Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com