Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR3865G-50-SH2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR3865G-50-SH2-R
Description  2A LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3865G-50-SH2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  LR3865G-50-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR3865G-50-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR3865G-50-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR3865G-50-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR3865G-50-SH2-R Datasheet HTML 5Page - Unisonic Technologies LR3865G-50-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LR3865
Advance
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R102-099.c
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOP-8
HSOP-8
15: 1.5V
18: 1.8V
20: 2.0V
25: 2.5V
30: 3.0V
33: 3.3V
50: 5.0V
AD: ADJ
PIN CONFIGURATION
1
2
3
4
8
7
6
5
HSOP-8
GND
SET/ADJ
OUT
SS
POK
EN
VIN
NC
1
2
3
4
8
7
6
5
LR3865-A
POK
EN
VIN
SS
OUT
SET/ADJ
GND
NC
SOP-8
1
2
3
4
8
7
6
5
LR3865-B
EN
VIN
OUT
GND
GND
GND
GND
SS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com