Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR3865G-50-SH2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR3865G-50-SH2-R
Description  2A LOW DROPOUT LINEAR REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR3865G-50-SH2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LR3865G-50-SH2-R Datasheet HTML 1Page - Unisonic Technologies LR3865G-50-SH2-R Datasheet HTML 2Page - Unisonic Technologies LR3865G-50-SH2-R Datasheet HTML 3Page - Unisonic Technologies LR3865G-50-SH2-R Datasheet HTML 4Page - Unisonic Technologies LR3865G-50-SH2-R Datasheet HTML 5Page - Unisonic Technologies LR3865G-50-SH2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR3865
Advance
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R102-099.c
2A LOW DROPOUT LINEAR
REGULATOR
DESCRIPTION
The UTC LR3865 belonged to low-dropout, linear regulators
operate from 2.5V to 6V input and are guaranteed to deliver 2A.
Wide range of preset output voltage options are available. Built-in
low on-resistance transistor provides low dropout voltage and large
output current. The UTC LR3865 is designed and optimized for
battery-powered systems to work with low noise.
The UTC LR3865 consumes less than 0.5μA in shutdown
mode. Other features include ultra low dropout voltage, current
limiting protection, thermal shutdown protection and high ripple
rejection ratio.
FEATURES
* 2A Guaranteed Output Current
* 0.5μA Shutdown Current
* Current Limiting Protection
* Thermal Shutdown Protection
* Excellent Line/Load Transient
SOP-8
HSOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LR3865L-xx-S08-X-R
LR3865G-xx-S08-X-R
SOP-8
Tape Reel
LR3865L-xx-SH2-R
LR3865G-xx-SH2-R
HSOP-8
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR3865G-50-SH2-R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38603 SHARP-LR38603 Datasheet
160Kb / 26P
Digital Signal Processor for Color CCD Cameras
LR38616 SHARP-LR38616 Datasheet
64Kb / 9P
Timing Generator IC for 2 140 k-pixel CCDs
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
LR38620 SHARP-LR38620 Datasheet
95Kb / 9P
Timing Generator IC for 4200 k-pixwl CCD
LR38630 SHARP-LR38630 Datasheet
78Kb / 20P
Digital Signal Processor for CIF CMOS Image Cameras
More results

Similar Description - LR3865G-50-SH2-R

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7962 EUTECH-EUP7962 Datasheet
271Kb / 15P
2A Ultra Low-Dropout Linear Regulator
logo
Advanced Power Electron...
APE8902C A-POWER-APE8902C_14 Datasheet
102Kb / 9P
2A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8962 A-POWER-APE8962_14 Datasheet
329Kb / 14P
2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9185 GMT-G9185 Datasheet
37Kb / 1P
2A Low Input /Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4220 HTC-TJ4220 Datasheet
949Kb / 14P
2A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR18220 UTC-LR18220 Datasheet
200Kb / 4P
2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
2A Ultra Low Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A6120 AITSEMI-A6120 Datasheet
548Kb / 11P
LOW DROPOUT VOLTAGE REGULATOR 2A LOW CONSUMPTION LINEAR REGULATOR
REV2.2
logo
uPI Group Inc.
UP7704 UPI-UP7704 Datasheet
261Kb / 13P
2A Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com