Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR38620 Datasheet (PDF) - Sharp Corporation

LR38620 Datasheet PDF - Sharp Corporation
Part # LR38620
Download  LR38620 Download
File Size   95.7 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Timing Generator IC for 4200 k-pixwl CCD

LR38620 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR38620 Datasheet PDF - Sharp Corporation

Part # LR38620
Download  LR38620 Click to download

File Size   95.7 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Timing Generator IC for 4200 k-pixwl CCD

LR38620 Datasheet (HTML) - Sharp Corporation


LR38620 Product details

DESCRIPTION
The LR38620 is a CMOS timing generator IC which generates timing pulses for driving 4 200 k-pixel CCD area sensor and processing pulses.

FEATURES
• Designed for 1/1.8-type 4 200 k-pixel CCD area sensor
• Frequency of driving horizontal CCD : 24.54545 MHz
• In monitoring mode, it can be obtained 30 fields/s
• External shutter control function with serial data input is possible
• +3.3 V and +4.5 V power supplies
• Package : 48-pin QFP (P-QFP048-0707) 0.5 mm pin-pitch




Similar Part No. - LR38620

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38603 SHARP-LR38603 Datasheet
160Kb / 26P
Digital Signal Processor for Color CCD Cameras
LR38616 SHARP-LR38616 Datasheet
64Kb / 9P
Timing Generator IC for 2 140 k-pixel CCDs
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
LR38630 SHARP-LR38630 Datasheet
78Kb / 20P
Digital Signal Processor for CIF CMOS Image Cameras
LR38637 SHARP-LR38637 Datasheet
105Kb / 15P
Digital Signal Processor For VGA/CIF CMOS Image Sensors
More results


Similar Description - LR38620

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5C7221X01 SAMSUNG-S5C7221X01 Datasheet
88Kb / 8P
TIMING & SYNC. GENERATOR FOR B/W CCD
logo
Sharp Corporation
LR38574 SHARP-LR38574 Datasheet
64Kb / 9P
Timing Generator IC for 1 090 k/1 310 k-pixel CCDs
LR38616 SHARP-LR38616 Datasheet
64Kb / 9P
Timing Generator IC for 2 140 k-pixel CCDs
LZ93BE0 SHARP-LZ93BE0 Datasheet
404Kb / 9P
Timing Pulse Generator LSI for CCD
LZ93N61 SHARP-LZ93N61 Datasheet
267Kb / 5P
Timing Pulse Generator LSI for CCD
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
CCD Camera Timing Generator
CXD2422R SONY-CXD2422R Datasheet
1Mb / 22P
CCD Camera Timing Generator
logo
Sharp Corporation
LR38575 SHARP-LR38575 Datasheet
94Kb / 9P
Timing Generator IC for 1 310 k-pixel CCD
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com