Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR38575 Datasheet (PDF) - Sharp Corporation

LR38575 Datasheet PDF - Sharp Corporation
Part # LR38575
Download  LR38575 Download
File Size   94.11 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Timing Generator IC for 1 310 k-pixel CCD

LR38575 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR38575 Datasheet PDF - Sharp Corporation

Part # LR38575
Download  LR38575 Click to download

File Size   94.11 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Timing Generator IC for 1 310 k-pixel CCD

LR38575 Datasheet (HTML) - Sharp Corporation


LR38575 Product details

DESCRIPTION
The LR38575 is a CMOS timing generator IC which generates timing pulses for driving 1 310 k-pixel CCD area sensor and processing pulses.

FEATURES
• Designed for 1/3.2-type 1 310 k-pixel CCD area sensor
• Frequency of driving horizontal CCD : 12.272725 MHz
• In monitoring mode, it can be obtained 30 fields/s
• Two still mode types : 3 fields period and 4 fields period
• External shutter control function with serial data input is possible
• +3.3 V and +4.5 V power supplies
• Package : 48-pin QFP (P-QFP048-0707) 0.5 mm pin-pitch




Similar Part No. - LR38575

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38574 SHARP-LR38574 Datasheet
64Kb / 9P
Timing Generator IC for 1 090 k/1 310 k-pixel CCDs
More results


Similar Description - LR38575

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38516 SHARP-LR38516 Datasheet
66Kb / 8P
Timing Generator IC for 350 k-pixel Progressive Scan Color CCDs
LR38574 SHARP-LR38574 Datasheet
64Kb / 9P
Timing Generator IC for 1 090 k/1 310 k-pixel CCDs
LR38581 SHARP-LR38581 Datasheet
57Kb / 8P
Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
LR38616 SHARP-LR38616 Datasheet
64Kb / 9P
Timing Generator IC for 2 140 k-pixel CCDs
LZ93BE0 SHARP-LZ93BE0 Datasheet
404Kb / 9P
Timing Pulse Generator LSI for CCD
LZ93N61 SHARP-LZ93N61 Datasheet
267Kb / 5P
Timing Pulse Generator LSI for CCD
logo
Sony Corporation
CXD1257AR SONY-CXD1257AR Datasheet
666Kb / 18P
CCD Camera Timing Generator
CXD1265R SONY-CXD1265R Datasheet
925Kb / 24P
CCD Camera Timing Generator
logo
Sharp Corporation
LR38620 SHARP-LR38620 Datasheet
95Kb / 9P
Timing Generator IC for 4200 k-pixwl CCD
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com