Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR38616 Datasheet (PDF) - Sharp Corporation

LR38616 Datasheet PDF - Sharp Corporation
Part # LR38616
Download  LR38616 Download
File Size   64.19 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Timing Generator IC for 2 140 k-pixel CCDs

LR38616 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR38616 Datasheet PDF - Sharp Corporation

Part # LR38616
Download  LR38616 Click to download

File Size   64.19 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Timing Generator IC for 2 140 k-pixel CCDs

LR38616 Datasheet (HTML) - Sharp Corporation


LR38616 Product details

DESCRIPTION
The LR38616 is a CMOS timing generator IC which generates timing pulses for driving 2 140 k-pixel CCD area sensors and processing pulses.

FEATURES
• Designed for 1/2-type 2 140 k-pixel CCD area sensors
• Frequency of driving horizontal CCD : 17.987 MHz
• Both double speed drive monitoring mode and still mode are possible
• Two still mode types : 3 fields period and 4 fields period
• External shutter control function with serial data input is possible
• +3 V and +4.5 V power supplies
• Package : 48-pin QFP (QFP048-P-0707) 0.5 mm pin-pitch




Similar Part No. - LR38616

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
More results


Similar Description - LR38616

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38516 SHARP-LR38516 Datasheet
66Kb / 8P
Timing Generator IC for 350 k-pixel Progressive Scan Color CCDs
LR38574 SHARP-LR38574 Datasheet
64Kb / 9P
Timing Generator IC for 1 090 k/1 310 k-pixel CCDs
LR38580 SHARP-LR38580 Datasheet
64Kb / 9P
Single-chip Driver IC for 270 k/320 k-pixel B/W CCDs with Dual-power-supply Operation
LR38581 SHARP-LR38581 Datasheet
57Kb / 8P
Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
LZ9FD34 SHARP-LZ9FD34 Datasheet
56Kb / 8P
Single-chip Driver IC for 270 k/320 k/ 410 k/470 k-pixel B/W CCDs
logo
Sony Corporation
CXD3500R SONY-CXD3500R Datasheet
792Kb / 73P
Timing Generator for LCD Panels
logo
Sharp Corporation
LR38620 SHARP-LR38620 Datasheet
95Kb / 9P
Timing Generator IC for 4200 k-pixwl CCD
LR38585 SHARP-LR38585 Datasheet
102Kb / 9P
Single-chip Driver IC for 270 k/320 k pixel B/W CCDs with Dual-power-supply Operation
LR38575 SHARP-LR38575 Datasheet
94Kb / 9P
Timing Generator IC for 1 310 k-pixel CCD
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com