Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR38585 Datasheet (PDF) - Sharp Corporation

LR38585 Datasheet PDF - Sharp Corporation
Part # LR38585
Download  LR38585 Download
File Size   102.09 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Single-chip Driver IC for 270 k/320 k pixel B/W CCDs with Dual-power-supply Operation

LR38585 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR38585 Datasheet PDF - Sharp Corporation

Part # LR38585
Download  LR38585 Click to download

File Size   102.09 Kbytes
Page   9 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Single-chip Driver IC for 270 k/320 k pixel B/W CCDs with Dual-power-supply Operation

LR38585 Datasheet (HTML) - Sharp Corporation


LR38585 Product details

DESCRIPTION

The LR38585 is a CMOS single-chip driver IC which generates  timing  pulses  for  driving  270  k/320k pixel  B/W  CCD  area  sensors  with  a  dual-power supply  operation,  synchronous  pulses  for  TV signals and processing pulses for video signals.



FEATURES

• Designed for 1/3-type 270 k/320 k-pixel B/W CCD area sensors with a dual-power-supply operation

• Switchable between EIA and CCIR modes

• Electronic shutter and EE control are possible

• Maximum  shutter  speed  is  selectable  from approx. 1/100 000 s, 1/50 000 s and 1/30 000 s

• Starting shutter speed is selectable from approx. 1/100 000 s and 1/1 000 s

• Flicker-less function

• Switchable between normal and mirror images

• External synchronization is possible

• Level shifter for readout and shutter pulses included

• Dual +5 V and +12 V power supplies

• Package :

   48-pin QFP (P-QFP048-0707) 0.5 mm pin-pitch




Similar Part No. - LR38585

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38580 SHARP-LR38580 Datasheet
64Kb / 9P
Single-chip Driver IC for 270 k/320 k-pixel B/W CCDs with Dual-power-supply Operation
LR38581 SHARP-LR38581 Datasheet
57Kb / 8P
Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
More results


Similar Description - LR38585

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38516 SHARP-LR38516 Datasheet
66Kb / 8P
Timing Generator IC for 350 k-pixel Progressive Scan Color CCDs
LR38574 SHARP-LR38574 Datasheet
64Kb / 9P
Timing Generator IC for 1 090 k/1 310 k-pixel CCDs
LR38580 SHARP-LR38580 Datasheet
64Kb / 9P
Single-chip Driver IC for 270 k/320 k-pixel B/W CCDs with Dual-power-supply Operation
LR38581 SHARP-LR38581 Datasheet
57Kb / 8P
Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
LR38616 SHARP-LR38616 Datasheet
64Kb / 9P
Timing Generator IC for 2 140 k-pixel CCDs
LZ2416J SHARP-LZ2416J Datasheet
90Kb / 12P
Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
LZ2426J SHARP-LZ2426J Datasheet
107Kb / 12P
Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 320 k Pixels
LZ9FD34 SHARP-LZ9FD34 Datasheet
56Kb / 8P
Single-chip Driver IC for 270 k/320 k/ 410 k/470 k-pixel B/W CCDs
LZ9GG33M SHARP-LZ9GG33M Datasheet
2Mb / 58P
Single Chip Drive IC(270K/320K pixel B/W CCD)
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com