Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LZ9FD34 Datasheet (PDF) - Sharp Corporation

LZ9FD34 Datasheet PDF - Sharp Corporation
Part # LZ9FD34
Download  LZ9FD34 Download
File Size   56.75 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Single-chip Driver IC for 270 k/320 k/ 410 k/470 k-pixel B/W CCDs

LZ9FD34 Datasheet (PDF)

Go To PDF Page Download Datasheet
LZ9FD34 Datasheet PDF - Sharp Corporation

Part # LZ9FD34
Download  LZ9FD34 Click to download

File Size   56.75 Kbytes
Page   8 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Single-chip Driver IC for 270 k/320 k/ 410 k/470 k-pixel B/W CCDs

LZ9FD34 Datasheet (HTML) - Sharp Corporation


LZ9FD34 Product details

DESCRIPTION
The LZ9FD34 is a CMOS single-chip driver IC which generates timing pulses for driving 270 k/320 k/410 k/470 k-pixel B/W CCD area sensors, synchronous pulses for TV signals and processing for video signals.

FEATURES
• Designed for B/W CCD area sensors with 270 k/320 k/410 k/470 k-pixel
• Switchable between EIA and CCIR modes
• Electronic shutter and EE control are possible
• Maximum shutter speed is 1/100 000 s
• Flicker-less function
• Non-interlace mode is possible
• External synchronization is possible
• Single +5 V power supply
• Field accumulation mode and frame accumulation mode are possible
• Package :
   48-pin QFP (QFP048-P-0707) 0.5 mm pin-pitch




Similar Part No. - LZ9FD34

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ9FC23 SHARP-LZ9FC23 Datasheet
845Kb / 23P
LZ9F SERIES 7000 GATES GATE ARRAY
More results


Similar Description - LZ9FD34

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38516 SHARP-LR38516 Datasheet
66Kb / 8P
Timing Generator IC for 350 k-pixel Progressive Scan Color CCDs
LR38574 SHARP-LR38574 Datasheet
64Kb / 9P
Timing Generator IC for 1 090 k/1 310 k-pixel CCDs
LR38580 SHARP-LR38580 Datasheet
64Kb / 9P
Single-chip Driver IC for 270 k/320 k-pixel B/W CCDs with Dual-power-supply Operation
LR38581 SHARP-LR38581 Datasheet
57Kb / 8P
Timing Generator IC for 270 k/320 k-pixel Color CCDs with Dual-power-supply Operation
LR38616 SHARP-LR38616 Datasheet
64Kb / 9P
Timing Generator IC for 2 140 k-pixel CCDs
LR38585 SHARP-LR38585 Datasheet
102Kb / 9P
Single-chip Driver IC for 270 k/320 k pixel B/W CCDs with Dual-power-supply Operation
LR38575 SHARP-LR38575 Datasheet
94Kb / 9P
Timing Generator IC for 1 310 k-pixel CCD
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
logo
Cypress Semiconductor
CYDMX256A16 CYPRESS-CYDMX256A16 Datasheet
691Kb / 25P
16 K/8 K/4 K x 16 MoBL ADM 16 K/8 K/4 K x 16 MoBL ADM High speed access
logo
METZ CONNECT GmbH
130B22-E METZ-130B22-E Datasheet
1Mb / 9P
C6Amodul K 270° jack - keystone style
2023/02/15 Version: AO
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com