Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR38603 Datasheet (PDF) - Sharp Corporation

LR38603 Datasheet PDF - Sharp Corporation
Part # LR38603
Download  LR38603 Download
File Size   160.82 Kbytes
Page   26 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Digital Signal Processor for Color CCD Cameras

LR38603 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR38603 Datasheet PDF - Sharp Corporation

Part # LR38603
Download  LR38603 Click to download

File Size   160.82 Kbytes
Page   26 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Digital Signal Processor for Color CCD Cameras

LR38603 Datasheet (HTML) - Sharp Corporation


LR38603 Product details

DESCRIPTION

The LR38603 is a CMOS digital signal processor for color CCD video camera systems of 270 k/320 k/410 k/470 k-pixel CCDs with complementary color filters. The video camera system consists of CDS/PGA/ADC IC (IR3Y48A1), DSP IC (LR38603) and V driver IC (LR36685) with CCD.



FEATURES

• Designed for 1/4-type 270 k/320 k/410 k/470 kpixel color CCDs with Mg, G, CY, and Ye complementary color filters

• Switchable between NTSC and PAL modes

• Built-in signal generation circuit for driving CCD and various pulses for TV signals

• Parameters for camera signal processing can be set

• Built-in auto exposure control

• Built-in auto white balance control

• Built-in auto carrier balance control

• Built-in drive circuit for 2 K-bit EEPROM

• Built-in 9-bit D/A converter

• Built-in mirror image output

• Built-in circuit to reduce line crawl noise

• Built-in auto white detect correction

• YUV digital output (8 bits x 2)

• UYVY digital output (8 bits x 1)

• Analog video output

• External clock input (8 fsc)

• Built-in vertical reset

• Built-in horizontal reset

• Single +3.3 V power supply

• Package :

   80-pin LQFP (P-LQFP080-1212) 0.5 mm pin-pitch



 




Similar Part No. - LR38603

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38616 SHARP-LR38616 Datasheet
64Kb / 9P
Timing Generator IC for 2 140 k-pixel CCDs
LR38617 SHARP-LR38617 Datasheet
97Kb / 9P
Timing Generator IC for 3 300 k/3 370 k-pixel CCDs
LR38620 SHARP-LR38620 Datasheet
95Kb / 9P
Timing Generator IC for 4200 k-pixwl CCD
LR38630 SHARP-LR38630 Datasheet
78Kb / 20P
Digital Signal Processor for CIF CMOS Image Cameras
LR38637 SHARP-LR38637 Datasheet
105Kb / 15P
Digital Signal Processor For VGA/CIF CMOS Image Sensors
More results


Similar Description - LR38603

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38266 SHARP-LR38266 Datasheet
92Kb / 20P
Digital Signal Processor for Color CCD Cameras
LR38269 SHARP-LR38269 Datasheet
93Kb / 20P
Digital Signal Processor for Color CCD Cameras
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
A1 PROs co., Ltd.
AI2152 A1PROS-AI2152 Datasheet
142Kb / 33P
Digital Signal Processor for Color CCD Cameras
logo
Texas Instruments
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com