Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR38269 Datasheet (PDF) - Sharp Corporation

LR38269 Datasheet PDF - Sharp Corporation
Part # LR38269
Download  LR38269 Download
File Size   93.13 Kbytes
Page   20 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Digital Signal Processor for Color CCD Cameras

LR38269 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR38269 Datasheet PDF - Sharp Corporation

Part # LR38269
Download  LR38269 Click to download

File Size   93.13 Kbytes
Page   20 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Digital Signal Processor for Color CCD Cameras

LR38269 Datasheet (HTML) - Sharp Corporation


LR38269 Product details

DESCRIPTION
The LR38269 is a CMOS digital signal processor for color CCD camera system of 270 k/320 k-pixel CCD with complementary color filters. The camera system consists of CDS/AGC/ADC IC (IR3Y38M), DSP IC (LR38269), and V driver IC (LR36685) with CCD.

FEATURES
• Designed for 270 k/320 k color CCDs with Mg, G, Cy, and Ye complementary color filters
• Switchable between NTSC and PAL modes
• External control interface input/output
• Variable GAMMA and KNEE response (Select one out of 4 kinds of GAMMA & KNEE response)
• 10-bit digital input
• Analog NTSC/PAL composite output by built-in 9- bit 1 ch DA converter
• Built-in mirror image function
• Built-in timing generator to drive CCD
• Built-in 2 k-bit EEPROM controller to set the camera adjustment data
• Built-in auto exposure control
• Built-in auto white balance control
• Built-in auto carrier balance control
• Single + 3.3 V power supply
• Package : 80-pin LQFP (LQFP080-P-1212) 0.5 mm pin-pitch




Similar Part No. - LR38269

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38266 SHARP-LR38266 Datasheet
92Kb / 20P
Digital Signal Processor for Color CCD Cameras
More results


Similar Description - LR38269

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38266 SHARP-LR38266 Datasheet
92Kb / 20P
Digital Signal Processor for Color CCD Cameras
LR38603 SHARP-LR38603 Datasheet
160Kb / 26P
Digital Signal Processor for Color CCD Cameras
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
A1 PROs co., Ltd.
AI2152 A1PROS-AI2152 Datasheet
142Kb / 33P
Digital Signal Processor for Color CCD Cameras
logo
Texas Instruments
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com