Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI2152 Datasheet (PDF) - A1 PROs co., Ltd.

AI2152 Datasheet PDF - A1 PROs co., Ltd.
Part # AI2152
Download  AI2152 Download
File Size   142.05 Kbytes
Page   33 Pages
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.
Description Digital Signal Processor for Color CCD Cameras

AI2152 Datasheet (PDF)

Go To PDF Page Download Datasheet
AI2152 Datasheet PDF - A1 PROs co., Ltd.

Part # AI2152
Download  AI2152 Click to download

File Size   142.05 Kbytes
Page   33 Pages
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.
Description Digital Signal Processor for Color CCD Cameras

AI2152 Datasheet (HTML) - A1 PROs co., Ltd.


AI2152 Product details

GENERAL DESCRIPTION
The Ai2152 is a digital signal-processing chip for color video camera. It includes timing generator and digital/analog output. Supports 250K/380K NTSC system CCD sensors and 290K/440K PAL system CCD sensors with complementary color filter. It also provided line lock function.
   
FEATURES
▪ Support Ye, Cyan, Magenta, Green complementary color filter CCD sensors for
    NTSC : Ai325CA(250K), Ai338CA(380K)
    PAL : Ai329CA(290K), Ai344CA(440K)
▪ Support external EEPROM to store parameter.
▪ Built-in auto white balance control.
▪ Built-in auto exposure control.
▪ Built-in 9bit digital to analog converter.
▪ Built-in mirror function.
▪ Built-in blemish compensation circuit storing
    the data in EEPROM, up to 200 blemish pixels.
▪ Support analog video output and UYVY (proprietary format) digital output.
▪ Built-in timing generator for vertical driver
    and CDS/AGC/ADC peripheral chips.
▪ Support line lock function.
▪ Single 3.3V power supply. (Horizontal drive pins can be 3.3V/5V)
▪ LQFP-80. (0.4mm pin pitch)
▪ Support user Definable GPIO.
▪ Programmable CCD Timing Driving Current.
▪ Programmable pull-up GPIO pin
   




Similar Part No. - AI2152

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
AI2410 A1PROS-AI2410 Datasheet
639Kb / 27P
Signal Processor for Single-Chip CCD B/W Camera
More results


Similar Description - AI2152

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38266 SHARP-LR38266 Datasheet
92Kb / 20P
Digital Signal Processor for Color CCD Cameras
LR38269 SHARP-LR38269 Datasheet
93Kb / 20P
Digital Signal Processor for Color CCD Cameras
LR38603 SHARP-LR38603 Datasheet
160Kb / 26P
Digital Signal Processor for Color CCD Cameras
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com