Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI2152 Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  AI2152 Datasheet HTML 1Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 2Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 3Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 4Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 5Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 6Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 7Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 8Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
PIN DESCRIPTION
3
Pin
Symbol
I/O, P/G
Description
1
Reset
B
System Reset
2
OSCI
I
OSC input
3
OSCO
B
OSC output
4
VCC
P
VDD for Oscillator
5
GND
P
GND for Oscillator
6
ADCLK
O
Clock Output for AFE ADC
7
AFE_SCL
O
AFE 3-Wire SCL
8
AFE_SDA
O
AFE 3-Wire SDA
9
DATAIN9
I
CCD Image Data (MSB)
10
DATAIN8
I
CCD Image Data
11
DATAIN7
I
CCD Image Data
12
DATAIN6
I
CCD Image Data
13
DATAIN5
I
CCD Image Data
14
DATAIN4
I
CCD Image Data
15
VCC
P
Power (+3.3V)
16
GND
P
GND
17
DATAIN3
I
CCD Image Data
18
DATAIN2
I
CCD Image Data
19
DATAIN1
I
CCD Image Data
20
DATAIN0
I
CCD Image Data (LSB)
21
CLPOB
O
Clamp Pulse Output for Optical Black
22
ADCLP
O
Clamp Pulse Output for ADC
23
PBLK
O
Blanking Pulse Output
24
SDA
B
EEPROM SDA for I2C Interface
25
GND
P
GND
26
VCC
P
Power (+3.3V)
27
SCL
B
EEPROM SCL for I2C interface
28
GPIO_8
B
General Purpose I/O (I2C RDY)
29
INLL
B
Internal Sync/External Sync Selection
30
GPIO_0
B
General Purpose I/O (WB1)
31
GPIO_1
B
General Purpose I/O (WB2)
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com