Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI2152 Datasheet(PDF) 13 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 13 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 9Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 10Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 11Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 12Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 13Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 14Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 15Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 16Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 17Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
51
(1108h)
APKNEE_Y512
7:0
Y for APKNEE curve when X=512. Y= APKNEE_Y512 *2
52
(1109h)
APKNEE_Y640
7:0
Y for APKNEE curve when X=640. Y= APKNEE_Y640 *2
53
(110Ah)
APKNEE_Y768
7:0
Y for APKNEE curve when X=768. Y= APKNEE_Y768 *2
54
(110Bh)
APKNEE_Y896
7:0
Y for APKNEE curve when X=896. Y= APKNEE_Y896 *2
55
(110Ch)
APKNEE_Y1024
7:0
Y for APKNEE curve when X=1024. Y= APKNEE_Y1024 *2
AP_CORN[5:0]
5:0
Aperture corn control
Corn = AP_CORN * 2
56
(110Dh)
Reserved
7:6
AP_GAIN_P[3:0]
3:0
Global Aperture gain for positive AP
Gain= (AP_GAIN_P/4)
57
(110Eh)
AP_GAIN_N[3:0]
7:4
Global Aperture gain for negative AP
Gain= (AP_GAIN_N/4)
Y_GAIN[4:0]
4:0
Y GAIN control
Gain = (1+Y_GAIN/32)
58
(110Fh)
Reserved
7:5
59
(0082h)
GAM_Y0
7:0
Y when X=0. (BLC OFF)
5A
(0083h)
GAM_Y32
7:0
Y when X=32. (BLC OFF)
5B
(0084h)
GAM_Y64
7:0
Y when X=64. (BLC OFF)
5C
(0085h)
GAM_Y96
7:0
Y when X=96. (BLC OFF)
5D
(0086h)
GAM_Y128
7:0
Y when X=128. (BLC OFF)
5E
(0087h)
GAM_Y160
7:0
Y when X=160. (BLC OFF)
5F
(0088h)
GAM_Y192
7:0
Y when X=192. (BLC OFF)
60
(0089h)
GAM_Y224
7:0
Y when X=224. (BLC OFF)
61
(008Ah)
GAM_Y256
7:0
Y when X=256. (BLC OFF)
62
(008Bh)
GAM_Y320
7:0
Y when X=320. (BLC OFF)
63
(008Ch)
GAM_Y384
7:0
Y when X=384. (BLC OFF)
64
(008Dh)
GAM_Y448
7:0
Y when X=448. (BLC OFF)
13
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com