Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI2152 Datasheet(PDF) 32 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 32 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 25Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 26Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 27Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 28Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 29Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 30Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 31Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 32Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 33Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
ABSOLUTE MAXIMUM RATINGS
Characteristics
Symbol
Value
Unit
VCC
-0.3 to +4.3
Power Supply
VCC55
-0.3 to +5.5
°C
Input Voltage
VIN
-0.3 to VCC + 0.3
Output Voltage
VOUT
-0.3 to VCC + 0.3
Storage Temperature
TSTG
-55 ~ +150
V
RECOMMEND OPERATING CONDITIONS
5.25
3
VCC55
+70
VCC
3.6
MAX
+25
3.3
TYP.
°C
Power Supply
-20
TOP
Operation Temperature
0
VIN
Input Voltage
3
VCC
V
Unit
MIN.
Symbol
Characteristics
DC ELECTRICAL CHARACTERISTICS
(Under Recommended Operating condition and VCC = 3.0 ~ 3.6V)
4
65
2.4
2
MIN.
32
ICC-CCD
Power supply current of
H1, H2, RG output
72
ICCD
Power supply current of DVDD
8
PDO08
IOUT2
Output current
4
PSB04RTC
IOUT1
Output current
mA
37
ICCA
Power supply current of AVDD
KΩ
70
VIL = 0 V or VIH = VCC
RI
Input pull-up/down resistance
IOH= 4, 8 mA
VOH
Output high voltage
0.4
0.8
MAX.
TYP.
Input low voltage
IOL= 4, 8 mA
VOL
Output low voltage
LV-TTL
VIH
Input high voltage
LV-TTL
VIL
V
Unit
CONDITIONS
Symbol
Characteristics
32
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com