Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI2152 Datasheet(PDF) 21 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 21 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 17Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 18Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 19Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 20Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 21Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 22Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 23Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 24Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 25Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
CC
(0011h)
AWB2_R_GAIN [7:0]
7:0
R gain for AWB2(5100°K) adjustment.
GAIN=(R_GAIN/64)
CD
(0012h)
AWB2_G_GAIN [7:0]
7:0
G gain for AWB2(5100°K) adjustment.
GAIN=(G_GAIN/64)
CE
(0013h)
AWB2_B_GAIN [7:0]
7:0
B gain for AWB2(5100°K) adjustment.
GAIN=(B_GAIN/64)
CF
(0014h)
AWB3_R_GAIN [7:0]
7:0
R gain for AWB3(6500°K) adjustment.
GAIN=(R_GAIN/64)
D0
(0015h)
AWB3_G_GAIN [7:0]
7:0
G gain for AWB3(6500°K) adjustment.
GAIN=(G_GAIN/64)
D1
(0016h)
AWB3_B_GAIN [7:0]
7:0
B gain for AWB3(6500°K) adjustment.
GAIN=(B_GAIN/64)
D2
(0017h)
COL_S [7:0]
7:0
Start point of low luminance color suppression
(AGC gain).
D3
(0018h)
COL_E [7:0]
7:0
End point of low luminance color suppression (AGC gain)
D4
(0019h)
APT_S [7:0]
7:0
Start point of edge signal suppression curve (AGC gain)
APT_H [5:0]
5:0
Slope of edge signal suppression curve (AGC gain)
Reserved
6
PBLKLVL
7
0: Blank out to zero
1: Blank to ob-clamp level (Only for AD9943)
AWB_LOCK
7
0: Unlock
1: Locked
W0 [3:0]
3:0
Y Sum weight at window 0 when BLC Off
D8
(001Dh)
BLC_W0 [3:0]
7:4
Y Sum weight at window 0 when BLC On
W1 [3:0]
3:0
Y Sum weight at window 1 when BLC Off
D9
(001Eh)
BLC_W1 [3:0]
7:4
Y Sum weight at window 1 when BLC On
W2 [3:0]
3:0
Y Sum weight at window 2 when BLC Off
DA
(001Fh)
BLC_W2 [3:0]
7:4
Y Sum weight at window 2 when BLC On
AP_HGA [4:0]
4:0
Initial value of APT_HGA (gain of horizontal edge signal)
AWB_SPEED[1:0]
6:5
Speed of AWB Control
00: per 1 frame
01: per 2 frame
10: per 4 frame
11: per 8 frame
AP_VGA [4:0]
4:0
Initial value of APT_VGA (gain of vertical edge signal)
AWB_STEPSIZE[2:0]
7:5
AWB Step Size
D7
(001Ch)
D6
(001Bh)
D5
(001Ah)
21
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com