Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI2152 Datasheet(PDF) 16 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 16 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 12Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 13Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 14Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 15Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 16Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 17Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 18Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 19Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 20Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
8D
(1148h)
RGB_GAMMA_Y768
7:0
Y for RGB gamma when X=768.
Y = RGB_GAMMA_Y768 *2
8E
(1149h)
RGB_GAMMA_Y832
7:0
Y for RGB gamma when X=832.
Y = RGB_GAMMA_Y832 *2
8F
(114Ah)
RGB_GAMMA_Y896
7:0
Y for RGB gamma when X=896.
Y = RGB_GAMMA_Y896 *2
90
(114Bh)
RGB_GAMMA_Y960
7:0
Y for RGB gamma
when X=960. Y = RGB_GAMMA_Y960 *2
91
(114Ch)
RGB_GAMMA_Y1024
7:0
Y for RGB gamma
when X=1024. Y = RGB_GAMMA_Y1024 *2 +1
Note:
Y1024≧Y960≧Y896≧Y832≧Y768≧Y704≧Y640≧Y576
≧Y512≧Y448≧Y384≧Y320≧Y256≧Y224≧Y192≧Y160
≧Y128≧Y96≧Y64≧Y32≧Y0.
92
(0076h)
L_M21_HT[7:0]
7:0
L_M21_HT[9:8]
1:0
Reserved
7:2
94
(0078h)
L_M22_HT[7:0]
7:0
L_M22_HT[9:8]
1:0
Reserved
7:2
96
(007Ah)
L_M23_HT[7:0]
7:0
L_M23_HT[9:8]
1:0
Reserved
7:2
98
(007Ch)
L_M31_HT[7:0]
7:0
L_M31_HT[9:8]
1:0
Reserved
7:2
9A
(007Eh)
L_M32_HT[7:0]
7:0
L_M32_HT[9:8]
1:0
Reserved
7:2
9C
(0080h)
L_M33_HT[7:0]
7:0
L_M33_HT[9:8]
1:0
Reserved
7:2
L_M33 of Liner matrix at High temperature. A signed value.
9D
(0081h)
L_M32 of Liner matrix at High temperature. A signed value.
9B
(007Fh)
L_M31 of Liner matrix at High temperature. A signed value.
99
(007Dh)
L_M23 of Liner matrix at High temperature. A signed value.
97
(007Bh)
L_M22 of Liner matrix at High temperature. A signed value.
95
(0079h)
L_M21 of Liner matrix at High temperature. A signed value.
93
(0077h)
16
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com