Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI2152 Datasheet(PDF) 18 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 18 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 14Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 15Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 16Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 17Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 18Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 19Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 20Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 21Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 22Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
UV_SIN[5:0]
5:0
SIN value for IQ transform.
(Format: Unsigned, Value=UV_SIN/64)
Note: I = -U*SIN + V*COS, Q = U*COS + V*SIN
AB
(1167h)
Reserved
7:6
UV_COS[5:0]
5:0
COS value for IQ transform.
(Format: Unsigned, Value=UV_COS/64)
AC
(1168h)
Reserved
7:6
AD
(1169h)
I0_MAX
7:0
{(I0_MAX, I0_MIN),(Q0_MAX,Q0_MIN)} for AWB IQ
windows
0 report.
(Format: signed, 1 level for 8 bits limited signed image
data.)
AE
(116Ah)
I0_MIN
7:0
AF
(116Bh)
Q0_MAX
7:0
B0
(116Ch)
Q0_MIN
7:0
H_Y_AWB_STOP
3:0
Upper limit of Ysum of AWB
Upper limit = H_Y_AWB_STOP * 1024
B1
(003Bh)
L_Y_AWB_STOP
7:4
Lower limit of Ysum of AWB
Lower limit = L_Y_AWB_STOP * 256
AWB is active when (Upper limit > Lower limit), otherwise
stop AWB
B2
Reserved
7:0
B3
Reserved
7:0
B4
Reserved
7:0
B5
Reserved
7:0
B6
Reserved
7:0
B7
Reserved
7:0
B8
Reserved
7:0
B9
Reserved
7:0
RS_MODE
0
0:GPIO, 1:RS232 mode
RS_STOP_BIT
1
RS232 stop bit number selection.
(0
1 bits, 1
2 bits)
Reserved
7:2
BA
(1180h)
18
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com