Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AI2152 Datasheet(PDF) 11 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 11 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 7Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 8Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 9Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 10Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 11Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 12Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 13Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 14Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 15Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
2F
(1087h)
Reserved
7:2
30
(1088h)
OBCLP_H_STOP[7:0]
7:0
Horizontal stop for OBCLP. (Unit: 1 pixel)
(Note: active region is not include stop pixel)
OBCLP_H_STOP[9:8]
1:0
Reserved
7:2
H_START[5:0]
5:0
Horizontal start pixel of each line. (Unit: 1 pixel)
Reserved
7:6
V_START[3:0]
3:0
Vertical start line of each field. (Unit: 1 Line)
Reserved
7:4
34
(108Ch)
H_SIZE[7:0]
7:0
Horizontal size of each line. (Unit: 4 pixel)
35
(108Dh)
V_SIZE[7:0]
7:0
Vertical size of each field. (Unit: 2 Line)
36
(00DEh)
C_M11_MT[7:0]
7:0
C_M11 of Color matrix at middle color temperature.
37
(00DFh)
C_M12_MT[7:0]
7:0
C_M12 of Color matrix at middle color temperature.
38
(00E0h)
C_M13_MT[7:0]
7:0
C_M13 of Color matrix at middle color temperature.
39
(00E1h)
C_M21_MT[7:0]
7:0
C_M21 of Color matrix at middle color temperature.
3A
(00E2h)
C_M22_MT[7:0]
7:0
C_M22 of Color matrix at middle color temperature.
3B
(00E3h)
C_M23_MT[7:0]
7:0
C_M23 of Color matrix at middle color temperature.
3C
(00E4h)
C_M31_MT[7:0]
7:0
C_M31 of Color matrix at middle color temperature.
3D
(00E5h)
C_M32_MT[7:0]
7:0
C_M32 of Color matrix at middle color temperature.
3E
(00E6h)
C_M33_MT[7:0]
7:0
C_M33 of Color matrix at middle color temperature.
3F
(1098h)
ODD_OFFSET[7:0]
7:0
OFFSET compensation for ODD field.
(Unit: 1 level at 8 bits)
Note: It is sync with VSYNC.
40
(1099h)
EVEN_OFFSET[7:0]
7:0
OFFSET compensation for EVEN field.
(Unit: 1 level at 8 bits)
Note: It is sync with VSYNC.
GLB_GAIN[4:0]
4:0
Global GAIN control
Gain = (1+GLB_GAIN/32)
Note: It is sync with VSYNC.
Reserved
7:5
41
(109Ah)
33
(108Bh)
32
(108Ah)
31
(1089h)
11
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com