Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR38266 Datasheet (PDF) - Sharp Corporation

LR38266 Datasheet PDF - Sharp Corporation
Part # LR38266
Download  LR38266 Download
File Size   92.4 Kbytes
Page   20 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Digital Signal Processor for Color CCD Cameras

LR38266 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR38266 Datasheet PDF - Sharp Corporation

Part # LR38266
Download  LR38266 Click to download

File Size   92.4 Kbytes
Page   20 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Digital Signal Processor for Color CCD Cameras

LR38266 Datasheet (HTML) - Sharp Corporation


LR38266 Product details

DESCRIPTION
The LR38266 is a CMOS digital signal processor for color CCD camera systems of 270 k/320 k/410 k/470 k-pixel CCD with complementary color filters.

FEATURES
• Designed for 270 k/320 k/410 k/470 k color CCDs with Mg, G, Cy, and Ye complementary color filters
• Switchable between NTSC and PAL modes
• External performance control
• Variable GAMMA and KNEE response
• 8 to 10-bit digital input
• Analog Y&C output by built-in 8-bit 2 ch DA converter
• Switchable between Y, U/V (16 bits) and U/Y/V/Y (8 bits) digital video output
• Line-lock and external lock function
• CPU interface input/output
• Accumulator to control auto exposure and auto white balance
• Single +3.3 V power supply
• Package : 100-pin LQFP (LQFP100-P-1414) 0.5 mm pin-pitch




Similar Part No. - LR38266

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38269 SHARP-LR38269 Datasheet
93Kb / 20P
Digital Signal Processor for Color CCD Cameras
More results


Similar Description - LR38266

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LR38269 SHARP-LR38269 Datasheet
93Kb / 20P
Digital Signal Processor for Color CCD Cameras
LR38603 SHARP-LR38603 Datasheet
160Kb / 26P
Digital Signal Processor for Color CCD Cameras
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
A1 PROs co., Ltd.
AI2152 A1PROS-AI2152 Datasheet
142Kb / 33P
Digital Signal Processor for Color CCD Cameras
logo
Texas Instruments
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2232 TI1-VSP2232_16 Datasheet
497Kb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com