Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR7515L-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UR7515L-AF5-R
Description  HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR7515L-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UR7515L-AF5-R Datasheet HTML 1Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 2Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 3Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 4Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 5Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 6Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 7Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 8Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UR75XX
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-B66.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
36
V
Output Voltage
VOUT
12
V
TO-92
500
mW
SOT-89
500
mW
Power Dissipation
SOT-25
PD
200
mW
Operating Temperature Range
TOPR
-40 ~ +85
°C
Storage Temperature Range
TSTG
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
UTC UR7515
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=VOUT+2V, IOUT=10mA
1.47
1.5
1.53
V
Output Current (Note 1)
IOUT
VIN=VOUT+2V
70
100
mA
Dropout Voltage (Note 2)
VDROP
IOUT=1mA
45
100
mV
Line Regulation
OUT
IN
1
OUT
V
V
∆
V
∆
•
VOUT+2V≤VIN≤36V, IOUT=1mA
0.05
0.2
%/V
Load Regulation
∆VOUT2
VIN=VOUT+2V, 1.0mA≤IOUT≤50mA
30
80
mV
Output Voltage Temperature
Coefficient
OUT
A
1
OUT
V
T
V
∆
•
VIN=VOUT+2V,
IOUT=10mA , -40°C≤TA≤85°C
±50
±100 Ppm/°C
Supply Current
ISS1
VIN=VOUT+2V
1.2
3.0
uA
UTC UR7518
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=VOUT+2V, IOUT=10mA
1.764
1.8
1.836
V
Output Current (Note 1)
IOUT
VIN=VOUT+2V
70
100
mA
Dropout Voltage (Note 2)
VDROP
IOUT=1mA
45
100
mV
Line Regulation
OUT
IN
1
OUT
V
V
∆
V
∆
•
VOUT+2V≤VIN≤36V, IOUT=1mA
0.05
0.2
%/V
Load Regulation
∆VOUT2
VIN=VOUT+2V, 1.0mA≤IOUT≤50mA
30
80
mV
Output Voltage Temperature
Coefficient
OUT
A
1
OUT
V
T
V
∆
•
VIN=VOUT+2V,
IOUT=10mA , -40°C≤TA≤85°C
±50
±100 Ppm/°C
Supply Current
ISS1
VIN=VOUT+2V
1.2
3.0
uA
UTC UR7521
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=VOUT+2V, IOUT=10mA
2.058
2.1
2.142
V
Output Current (Note 1)
IOUT
VIN=VOUT+2V
70
100
mA
Dropout Voltage (Note 2)
VDROP
IOUT=1mA
40
100
mV
Line Regulation
OUT
IN
1
OUT
V
V
∆
V
∆
•
VOUT+2V≤VIN≤36V, IOUT=1mA
0.05
0.2
%/V
Load Regulation
∆VOUT2
VIN=VOUT+2V, 1.0mA≤IOUT≤50mA
30
80
mV
Output Voltage Temperature
Coefficient
OUT
A
1
OUT
V
T
V
∆
•
VIN=VOUT+2V,
IOUT=10mA , -40°C≤TA≤85°C
±50
±100 Ppm/°C
Supply Current
ISS1
VIN=VOUT+2V
1.2
3.0
uA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com