Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR7515L-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UR7515L-AF5-R
Description  HIGH VOLTAGE , ULTRA LOW IQ VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR7515L-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UR7515L-AF5-R Datasheet HTML 1Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 2Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 3Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 4Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 5Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 6Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 7Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 8Page - Unisonic Technologies UR7515L-AF5-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UR75XX
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-B66.b
ELECTRICAL CHARACTERISTICS (Cont.)
UTC UR7523
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=VOUT+2V, IOUT=10mA
2.254
2.3
2.346
V
Output Current (Note 1)
IOUT
VIN=VOUT+2V
70
100
mA
Dropout Voltage (Note 2)
VDROP
IOUT=1mA
40
100
mV
Line Regulation
OUT
IN
1
OUT
V
V
∆
V
∆
•
VOUT+2V≤VIN≤36V, IOUT=1mA
0.05
0.2
%/V
Load Regulation
∆VOUT2
VIN=VOUT+2V, 1.0mA≤IOUT≤50mA
30
80
mV
Output Voltage Temperature
Coefficient
OUT
A
1
OUT
V
T
V
∆
•
VIN=VOUT+2V,
IOUT=10mA , -40°C≤TA≤85°C
±50
±100 Ppm/°C
Supply Current
ISS1
VIN=VOUT+2V
1.2
3.0
uA
UTC UR7525
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=VOUT+2V, IOUT=10mA
2.45
2.5
2.55
V
Output Current (Note 1)
IOUT
VIN=VOUT+2V
70
100
mA
Dropout Voltage (Note 2)
VDROP
IOUT=1mA
40
100
mV
Line Regulation
OUT
IN
1
OUT
V
V
∆
V
∆
•
VOUT+2V≤VIN≤36V, IOUT=1mA
0.05
0.2
%/V
Load Regulation
∆VOUT2
VIN=VOUT+2V, 1.0mA≤IOUT≤50mA
30
80
mV
Output Voltage Temperature
Coefficient
OUT
A
1
OUT
V
T
V
∆
•
VIN=VOUT+2V,
IOUT=10mA , -40°C≤TA≤85°C
±50
±100 Ppm/°C
Supply Current
ISS1
VIN=VOUT+2V
1.2
3.0
uA
UTC UR7527
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=VOUT+2V, IOUT=10mA
2.646
2.7
2.754
V
Output Current (Note 1)
IOUT
VIN=VOUT+2V
70
100
mA
Dropout Voltage (Note 2)
VDROP
IOUT=1mA
40
100
mV
Line Regulation
OUT
IN
1
OUT
V
V
∆
V
∆
•
VOUT+2V≤VIN≤36V, IOUT=1mA
0.05
0.2
%/V
Load Regulation
∆VOUT2
VIN=VOUT+2V, 1.0mA≤IOUT≤50mA
30
80
mV
Output Voltage Temperature
Coefficient
OUT
A
1
OUT
V
T
V
∆
•
VIN=VOUT+2V,
IOUT=10mA , -40°C≤TA≤85°C
±50
±100 Ppm/°C
Supply Current
ISS1
VIN=VOUT+2V
1.2
3.0
uA
UTC UR7530
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=VOUT+2V, IOUT=10mA
2.94
3.0
3.06
V
Output Current (Note 1)
IOUT
VIN=VOUT+2V
70
100
mA
Dropout Voltage (Note 2)
VDROP
IOUT=1mA
40
100
mV
Line Regulation
OUT
IN
1
OUT
V
V
∆
V
∆
•
VOUT+2V≤VIN≤36V, IOUT=1mA
0.05
0.2
%/V
Load Regulation
∆VOUT2
VIN=VOUT+2V, 1.0mA≤IOUT≤50mA
30
80
mV
Output Voltage Temperature
Coefficient
OUT
A
1
OUT
V
T
V
∆
•
VIN=VOUT+2V,
IOUT=10mA , -40°C≤TA≤85°C
±50
±100 Ppm/°C
Supply Current
ISS1
VIN=VOUT+2V
1.2
3.0
uA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com