Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA201MUX Datasheet(PDF) 7 Page - ON Semiconductor

Part # FSA201MUX
Description  USB2.0 Full-Speed and Audio Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA201MUX Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FSA201MUX Datasheet HTML 3Page - ON Semiconductor FSA201MUX Datasheet HTML 4Page - ON Semiconductor FSA201MUX Datasheet HTML 5Page - ON Semiconductor FSA201MUX Datasheet HTML 6Page - ON Semiconductor FSA201MUX Datasheet HTML 7Page - ON Semiconductor FSA201MUX Datasheet HTML 8Page - ON Semiconductor FSA201MUX Datasheet HTML 9Page - ON Semiconductor FSA201MUX Datasheet HTML 10Page - ON Semiconductor FSA201MUX Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA201 Rev. 1.2.2
6
DC Electrical Characteristics (Continued)
All typical values are at 25ºC unless otherwise specified.
Symbol
Parameter
VAUDIO
(V)
Condition
TA=- 40ºC to +85ºC
Unit
Min.
Typ.
Max.
Power Supply
Vbusth
VBUS Threshold
Voltage
3.2
3.8
V
Vaudioth
VAUDIO Threshold
0.5
1.5
V
ICC(Audio)
Quiescent Supply
Current (Audio)
3.0
VASEL=0 to VAUDIO, IOUT=0
10
µA
ICC(VBUS)
Quiescent Supply
Current (VBUS)
VASEL=0 to VAUDIO, IOUT=0
VBUS=5.5V
20
µA
ICCT
Increase in ICC
Current per Control
Voltage and VCC
3.0
VASEL=2.6V, VBUS=Floating
15
µA
VASEL=1.8V, VBUS=Floating
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com