Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA201MUX Datasheet(PDF) 12 Page - ON Semiconductor

Part # FSA201MUX
Description  USB2.0 Full-Speed and Audio Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA201MUX Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FSA201MUX Datasheet HTML 8Page - ON Semiconductor FSA201MUX Datasheet HTML 9Page - ON Semiconductor FSA201MUX Datasheet HTML 10Page - ON Semiconductor FSA201MUX Datasheet HTML 11Page - ON Semiconductor FSA201MUX Datasheet HTML 12Page - ON Semiconductor FSA201MUX Datasheet HTML 13Page - ON Semiconductor FSA201MUX Datasheet HTML 14Page - ON Semiconductor FSA201MUX Datasheet HTML 15Page - ON Semiconductor FSA201MUX Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA201 Rev. 1.2.2
11
Typical Characteristics (Continued)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1
10
100
1000
Frequency (MHz)
Figure 9.
Non-Adjacent Channel Crosstalk (Audio) Characterization at VCC (VAUDIO)=2.7V
Figure 10.
Non-Adjacent Channel Crosstalk (USB) Characterization at VCC (VBUS)=4.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com