Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA2467 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSA2467
Description  Low-Voltage Dual DPDT Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2467 Datasheet(HTML) 2 Page - ON Semiconductor

  FSA2467 Datasheet HTML 1Page - ON Semiconductor FSA2467 Datasheet HTML 2Page - ON Semiconductor FSA2467 Datasheet HTML 3Page - ON Semiconductor FSA2467 Datasheet HTML 4Page - ON Semiconductor FSA2467 Datasheet HTML 5Page - ON Semiconductor FSA2467 Datasheet HTML 6Page - ON Semiconductor FSA2467 Datasheet HTML 7Page - ON Semiconductor FSA2467 Datasheet HTML 8Page - ON Semiconductor FSA2467 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
March 2013
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2467 Rev. 1.0.8
FSA2467
0.4
Ω Low-Voltage Dual DPDT Analog Switch
Features
Typical 0.4 On Resistance (R
ON) for +2.7V Supply
Features Less then12µA ICCT Current when Sn
Input is Lower than VCC
0.25 Maximum R
ON Flatness for +2.7V Supply
3 x 3mm 16-Lead MLP Package
1.8x2.6mm 16-Lead UMLP Package
Broad V
CC Operating Range
Low THD (0.02% Typical for 32 Load)
Applications
Cell Phone
PDA
Portable Media Player
Description
The FSA2467 is a dual Double-Pole, Double-Throw
(DPDT) analog switch. The FSA2467 operates from a
single 1.65V to 4.3V supply. The FSA2467 features an
ultra-low on resistance of 0.4 at a +2.7V supply and
25°C. This device is fabricated with sub-micron CMOS
technology to achieve fast switching speeds and is
designed for break-before-make operation.
FSA2467 features very low quiescent current even when
the control voltage is lower than the VCC supply. This
feature
allows
mobile
handset
applications
direct
interface with baseband processor general-purpose
I/Os.
Ordering Information
Part Number
Top Mark
Package Description
FSA2467MPX
FSA
2467
16-lead Molded Leadless Package (MLP), JEDEC MO-220, 3 x 3mm Square
FSA2467UMX
GC
16-lead Ultrathin Molded Leadless Package (UMLP), 1.8 x 2.6mm
Application Diagram
Figure 1. Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com