Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSA2467 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FSA2467
Description  Low-Voltage Dual DPDT Analog Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSA2467 Datasheet(HTML) 3 Page - ON Semiconductor

  FSA2467 Datasheet HTML 1Page - ON Semiconductor FSA2467 Datasheet HTML 2Page - ON Semiconductor FSA2467 Datasheet HTML 3Page - ON Semiconductor FSA2467 Datasheet HTML 4Page - ON Semiconductor FSA2467 Datasheet HTML 5Page - ON Semiconductor FSA2467 Datasheet HTML 6Page - ON Semiconductor FSA2467 Datasheet HTML 7Page - ON Semiconductor FSA2467 Datasheet HTML 8Page - ON Semiconductor FSA2467 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSA2467 Rev. 1.0.8
2
Pin Assignments
1
5
6
7
8
9
10
11
2
3
12
16
15
14
13
4
1A
1B
1
V
CC
4B
0
4A
4B
1
2S
3B
0
2B
0
GND
3B
1
3A
1B
0
1S
2B
1
2A
Figure 2. MLP (Top Through View)
Figure 3. UMLP (Top View)
Truth Table
Pin Descriptions
Control Inputs
Function
Name
Function
LOW
nB0 Connected to nA
nA,nB0,nB1
Data Ports
HIGH
nB1 Connected to nA
nS
Control Input
Analog Symbol
Figure 4. Analog Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com