Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1968LS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SA1968LS
Description  High-Voltage Amplifier, High-Voltage Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1968LS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SA1968LS Datasheet HTML 1Page - Sanyo Semicon Device 2SA1968LS Datasheet HTML 2Page - Sanyo Semicon Device 2SA1968LS Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SA1968LS
No.5183-1/3
Features
•
High breakdown voltage(VCEO min=--900V).
•
Small Cob(Cob typ=2.2pF).
•
High reliability(Adoption of HVP process).
•
Package of full isolation type.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--900
V
Collector-to-Emitter Voltage
VCEO
--900
V
Emitter-to-Base Voltage
VEBO
--7
V
Collector Current
IC
--10
mA
Collector Current (Pulse)
ICP
--30
mA
Collector Dissipation
PC
2W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=--900V, IE=0
--1
µA
Emitter Cutoff Current
IEBO
VEB=--5V, IC=0
--1
µA
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN5183B
2SA1968LS
High-Voltage Amplifier,
High-Voltage Switching Applications
Package Dimensions
unit : mm
2079D
[2SA1968LS]
N1501 TS IM / 91098 HA (KT) / 92095 YK (KOTO) TA-0439
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
PNP Triple Diffused Planar Silicon Transistor
1 : Base
2 : Collector
3 : Emitter
SANYO : TO-220FI(LS)
0.7
2.55
2.55
1.2
0.9
0.75
1.2
4.5
2.8
12 3
10.0
3.2


Similar Part No. - 2SA1968LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1968 SANYO-2SA1968 Datasheet
81Kb / 3P
High-Voltage Amp, High-Voltage Switching Applications
More results

Similar Description - 2SA1968LS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4709 SANYO-2SC4709 Datasheet
99Kb / 3P
High-Voltage Amplifier, High-Voltage Switching Applications
2SC3675 SANYO-2SC3675 Datasheet
97Kb / 3P
900V/100mA High-Voltage Amplifier High-Voltage Switching Applications
2SC4630LS SANYO-2SC4630LS Datasheet
27Kb / 3P
900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
2SC4631LS SANYO-2SC4631LS Datasheet
28Kb / 3P
900V/300mA High-Voltage Amplifier,High-Voltage Switching Applications
2SC4632LS SANYO-2SC4632LS Datasheet
26Kb / 3P
1200V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
2SC4633LS SANYO-2SC4633LS Datasheet
26Kb / 3P
1200V/30mA High-Voltage Amplifier,High-Voltage Switching Applications
2SC4634LS SANYO-2SC4634LS Datasheet
28Kb / 3P
1500V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
2SC4636LS SANYO-2SC4636LS Datasheet
30Kb / 3P
1800V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
2SC4637LS SANYO-2SC4637LS Datasheet
30Kb / 3P
1800V/15mA High-Voltage Amplifier,High-Voltage Switching Applications
2SC4710LS SANYO-2SC4710LS Datasheet
29Kb / 3P
2100V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com