Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1968LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA1968LS
Description  High-Voltage Amplifier, High-Voltage Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1968LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA1968LS Datasheet HTML 1Page - Sanyo Semicon Device 2SA1968LS Datasheet HTML 2Page - Sanyo Semicon Device 2SA1968LS Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA1968LS
No.5183-2/3
0
--1
--2
--3
--4
--5
--6
--7
--8
--9
--10
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.4
--1.2
IC -- VCE
IT03904
IC -- VBE(ON)
IT03906
0
0
--0.4
--0.2
--0.6
--1.0
--0.8
--2
--4
--6
--8
--10
IC -- VCE
IT03905
0
0
--4
--2
--6
--10
--8
--2
--4
--6
--8
--10
VCE= --5V
IB=0
IB=0
--1.4mA
--1.0mA
--800
µA
--600
µA
--150µA
--100
µA
--50
µA
--400
µA
--200µA
--1.0
--0.1
2
3
7
5
--10
2
2
3
7
5
--0.1
23
7
5
--1.0
23
23
7
5
--10
7
VCE(sat) -- IC
VBE(sat) -- IC
IT03908
--1.2mA
--1.6mA
--1.8mA
--5
µA
--10
µA
--15
µA
--20
µA
--25
µA
--30
µA
--35
µA
2
3
7
5
100
10
2
3
7
5
--0.1
23
7
75
--1.0
22
37
5
--10
hFE -- IC
IT03907
IT03909
2
3
2
3
7
5
--1.0
--0.1
--0.1
23
7
5
--1.0
23
7
5
--10
72
IC / IB=5
120°C
25°C
Ta= --40°C
VCE= --5V
--40
°C
25
°C
Ta=120
°C
IC / IB=5
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter ON Voltage, VBE(ON) -- V
Collector Current, IC -- mA
Collector Current, IC -- mA
Collector Current, IC -- mA
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
DC Current Gain
hFE
VCE=--5V, IC=--1mA
20
50
Gain-Bandwidth Product
fT
VCE=--10V, IC=--1mA
6
MHz
Output Capacitance
Cob
VCB=--100V, f=1MHz
2.2
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=--500µA, IB=--100µA
--1
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=--500µA, IB=--100µA
--1.5
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=--100µA, IE=0
--900
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=--1mA, RBE=∞
--900
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=--100µA, IC=0
--7
V
Transient Thermal Resistance
Rth(j-c)
junction-case
8.3
˚C / W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com