Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEX8748 Datasheet(PDF) 2 Page - PLX Technology

Part # PEX8748
Description  PCI Express Gen 3 Switch, 48 Lanes, 12 Ports
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8748 Datasheet(HTML) 2 Page - PLX Technology

  PEX8748 Datasheet HTML 1Page - PLX Technology PEX8748 Datasheet HTML 2Page - PLX Technology PEX8748 Datasheet HTML 3Page - PLX Technology PEX8748 Datasheet HTML 4Page - PLX Technology PEX8748 Datasheet HTML 5Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© PLX Technology, www.plxtech.com
Page 2 of 5
10/20/2010, Version 1.0
PEX 8748, PCI Express Gen 3 Switch, 48 Lanes, 12 Ports
CPU
CPU
Primary Host
Primary Host
Root
Complex
Root
Complex
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
PEX 8748
PEX 8748
NT
CPU
CPU
Secondary Host
Secondary Host
Non-Transparent
Port
Figure 3. Non-Transparent Port
CPU
CPU
Primary Host
Primary Host
CPU
CPU
Primary Host
Primary Host
Root
Complex
Root
Complex
Root
Complex
Root
Complex
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
PEX 8748
PEX 8748
NT
CPU
CPU
Secondary Host
Secondary Host
CPU
CPU
Secondary Host
Secondary Host
Non-Transparent
Port
Figure 3. Non-Transparent Port
PE
PEX 8748
X 8748
PEX 8748
PEX 8748
Figure 4a. Multi-Host
Host 1
Host 1
Host 1
Host 1
Host 2
Host 2
Host 2
Host 2
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
Figure 4b. Multi-Host Fail-Over
Host 1
Host 1
Host 1
Host 1
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
End
Point
Host 2
Host 2
Host 2
Host 2
The PEX 8748 can also be configured in Multi-Host mode
where users can choose up to six ports as host/upstream
ports and assign a desired number of downstream ports to
each host. In Multi-Host mode, a virtual switch is created
for each host port and its associated downstream ports
inside the device. The traffic between the ports of a virtual
switch is completely isolated from the traffic in other
virtual switches. Figure 2 illustrates some configurations
of the PEX 8748 in Multi-Host mode where each ellipse
represents a virtual switch inside the device.
The PEX 8748
also provides
several ways to
configure its
registers. The
device can be
configured
through strapping
pins, I
2C
interface, host
software, or an
optional serial
EEPROM. This
allows for easy
debug during the
development
phase, p
and driver or software upgrade.
erformance m
ual-Host & Failover Support
Non-
or
e
ess
used to send interrupts between the
both CPUs) allow inter-processor communication (see
Figure 3).
am host ports, each with its own dedicated
nfigured for 1+1
al
wo
Hot Plug for High Availability
Hot plug capability allows users to replace hardware
modules and perform maintenance without powering down
ability feature
m ports
t of its
-plug
lly
ompliant with the PCIe power management specification
to
em.
I Express Base Specification r2.0, and is backwards
press Base Specification r1.1 and
onitoring during the operation phase,
D
In Single-Host mode, the PEX 8748 supports a
Transparent (NT) Port, which enables the
implementation of
dual-host systems f
redundancy and host
failover capability. Th
NT port allows systems
to isolate host memory
domains by presenting
the processor subsystem
as an endpoint rather than
another memory
system. Base addr
registers are used to
translate addresses;
doorbell registers are
address domains; and scratchpad registers (accessible by
Multi-Host & Failover Support
In Multi-Host mode, PEX 8748 can be configured with up
to six upstre
downstream ports. The device can be co
redundancy or N+1 redundancy. The PEX 8748 allows the
hosts to communicate their status to each other via speci
door-bell registers. In failover mode, if a host fails, the
host designated for failover will disable the upstream port
attached to the failing host and program the downstream
ports of that host to its own domain. Figure 4a shows a t
host system in Multi-Host mode with two virtual switches
inside the device and Figure 4b shows Host 1 disabled
after failure and Host 2 having taken over all of Host 1’s
end-points.
the system. The PEX 8748 hot plug cap
makes it suitable for High Availability (HA)
applications. Three downstream ports include a Standard
Hot Plug Controller. If the PEX 8748 is used in an
application where one or more of its downstrea
connect to PCI Express slots, each port’s Hot Plug
Controller can be used to manage the hot-plug even
associated slot. Every port on the PEX 8748 is equipped
with a hot-plug control/status register to support hot
capability through external logic via the I
2C interface.
SerDes Power and Signal Management
The PEX 8748 provides low power capability that is fu
c
and supports software control of the SerDes outputs
allow optimization of power and signal strength in a
system. Furthermore, the SerDes block supports loop-back
modes and advanced reporting of error conditions,
which enables efficient management of the entire syst
Interoperability
The PEX 8748 is designed to be fully compliant with the
PC
compatible to PCI Ex
Figure 2. Multi-Host Port Configurations
PEX 8748
PEX 8748
PEX 8748
PEX 8748
x8
4 x4
x8
PEX 8748
PEX 8748
PEX 8748
PEX 8748
x8
3 x4
2 x4
x4
x4
3 x4
4 x4
PEX 8748
PEX 8748
PEX 8748
PEX 8748
8 x4s
4 x4s
PEX 8748
PEX 8748
PEX 8748
PEX 8748
9 x4s
3 x4s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com